Electronic Components Datasheet Search
  English  ▼

X  

LTC2302 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2302
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2302 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2302 Datasheet HTML 12Page - Linear Technology LTC2302 Datasheet HTML 13Page - Linear Technology LTC2302 Datasheet HTML 14Page - Linear Technology LTC2302 Datasheet HTML 15Page - Linear Technology LTC2302 Datasheet HTML 16Page - Linear Technology LTC2302 Datasheet HTML 17Page - Linear Technology LTC2302 Datasheet HTML 18Page - Linear Technology LTC2302 Datasheet HTML 19Page - Linear Technology LTC2302 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC2302/LTC2306
17
23026fa
APPLICATIONS INFORMATION
Figure 5. Suggested Layout
Figure 6. LTC2302/LTC2306 Timing with a Long CONVST Pulse
UNI
O/S
S/D
B11 B10 B9 B8
B7
B6 B5 B4 B3 B2 B1
B0
tCONV
CONVST
SCK
SDI
SDO
Hi-Z
Hi-Z
23026 F06
MSB
LSB
tACQ
tWLCONVST
tCYC
123456789
10
11
12
S/D BIT IS A DON’T CARE (X) FOR THE LTC2302
SLEEP
VDD, BYPASS
0.1μF||10μF, 0603
INPUT FILTER
CAPACITORS
OVDD, BYPASS
0.1μF, 0603
23026 F05
VREF, BYPASS
0.1μF||10μF 0603
SOLID GROUND
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com