Electronic Components Datasheet Search
  English  ▼

X  

LTC2302 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2302
Description  Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2302 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2302 Datasheet HTML 12Page - Linear Technology LTC2302 Datasheet HTML 13Page - Linear Technology LTC2302 Datasheet HTML 14Page - Linear Technology LTC2302 Datasheet HTML 15Page - Linear Technology LTC2302 Datasheet HTML 16Page - Linear Technology LTC2302 Datasheet HTML 17Page - Linear Technology LTC2302 Datasheet HTML 18Page - Linear Technology LTC2302 Datasheet HTML 19Page - Linear Technology LTC2302 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC2302/LTC2306
20
23026fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0908 REV A • PRINTED IN USA
TYPICAL APPLICATION
Clock Squaring/Level Shifting Circuit Allows Testing with RF Sine Generator,
Convert Re-Timing Flip-Flop Preserves Low Jitter Clock Timing
SDI
SDO
SCK
CONVST
SERIAL
PORT
ANALOG
INPUT
MUX
CH0 (IN+)
CH1 (IN–)
VREF
CONVERT ENABLE
MASTER
CLOCK
RF SIGNAL
GENERATOR
OR OTHER LOW
JITTER SOURCE
VCC
0.1μF
NC7SVU04P5X
LTC2302
LTC2306
VDD
OVDD
GND
MASTER
CLOCK
CONVERT
ENABLE
JITTER
0.1μF
12-BIT
500ksps
ADC
+
–
10μF
0.1μF
1k
10μF
0.1μF
QD
PRE
VCC
NL17SZ74
CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
Q CLR
1k
23026 TA02
50Ω
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
CONVST
DATA TRANSFER
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1417
14-Bit, 400ksps Serial ADC
20mW, Unipolar or Bipolar, Internal Reference, SSOP-16 Package
LTC1468/LT1469
Single/Dual 90MHz, 22V/μs, 16-Bit Accurate Op Amps
Low Input Offset: 75μV/125μV
LTC1609
16-Bit, 200ksps Serial ADC
65mW, Configurable Bipolar and Unipolar Input Ranges, 5V Supply
LTC1790
Micropower Low Dropout Reference
60μA Supply Current, 10ppm/°C, SOT-23 Package
LTC1850/LTC1851
10-Bit/12-Bit, 8-channel, 1.25Msps ADCs
Parallel Output, Programmable MUX and Sequencer, 5V Supply
LTC1852/LTC1853
10-Bit/12-Bit, 8-channel, 400ksps ADCs
Parallel Output, Programmable MUX and Sequencer, 3V or 5V Supply
LTC1860/LTC1861
12-Bit, 1-/2-Channel 250ksps ADCs in MSOP
850μA at 250ksps, 2μA at 1ksps, SO-8 and MSOP Packages
LTC1860L/LTC1861L
3V, 12-bit, 1-/2-Channel 150ksps ADCs
450μA at 150ksps, 10μA at 1ksps, SO-8 and MSOP Packages
LTC1863/LTC1867
12-/16-Bit, 8-Channel 200ksps ADCs
6.5mW, Unipolar or Bipolar, Internal Reference, SSOP-16 Package
LTC1863L/LTC1867L
3V, 12-/16-bit, 8-Channel 175ksps ADCs
2mW, Unipolar or Bipolar, Internal Reference, SSOP-16 Package
LTC1864/LTC1865
16-Bit, 1-/2-Channel 250ksps ADCs in MSOP
850μA at 250ksps, 2μA at 1ksps, SO-8 and MSOP Packages
LTC1864L/LTC1865L
3V, 16-Bit, 1-/2-Channel 150ksps ADCs in MSOP
450μA at 150ksps, 10μA at 1ksps, SO-8 and MSOP Packages
LTC2308
12-Bit, 8-Channel 500ksps ADC
5V, Internal Reference, 4mm × 4mm QFN Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com