Electronic Components Datasheet Search
  English  ▼

X  

AN4316 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4316
Description  Tuning a STMTouch-based application
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4316 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4316 Datasheet HTML 7Page - STMicroelectronics AN4316 Datasheet HTML 8Page - STMicroelectronics AN4316 Datasheet HTML 9Page - STMicroelectronics AN4316 Datasheet HTML 10Page - STMicroelectronics AN4316 Datasheet HTML 11Page - STMicroelectronics AN4316 Datasheet HTML 12Page - STMicroelectronics AN4316 Datasheet HTML 13Page - STMicroelectronics AN4316 Datasheet HTML 14Page - STMicroelectronics AN4316 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DocID024847 Rev 2
11/26
AN4316
Tuning of the thresholds
25
4
Tuning of the thresholds
This section provides recommendations on how to select reliable thresholds. Depending on
application use cases, some recommendations will have to be adapted.
Capacitive touch sensing applications are sensitive to earth coupling. The parameter
tunning must be done in the same environment as the final application. The hardware tool
connected to the application may change the earth coupling. This is especially true for
example in battery power applications. ST is providing a galvanic insulated hardware tool
(ST-Link/ISOL) to minimize this effect.
4.1
Use of a standard test finger
In order to build an application working with the widest range of people finger
characteristics, we propose to use a standard test finger which will give a worst case but
also will allow to repeat the test without human dependency, such as finger size, pressure
and contact area, skin conductivity, etc... To perform repeatable test, it is recommended to
use an electrically conductive pen-shape tool with a flat rubber end. The flat end made of
conductive rubber, allows to touch the touchkey with a constant contact surface.
The operator performing the validation will take care to center the contact area on the
touchkey.
Additionally, it makes sense to plan a final validation with a panel of users.
A picture of a standard finger is provided below.
Figure 4. Standard 8mm diameter finger
Refer to Appendix A for a recommended standard test finger.
4.2
Threshold definitions
4.2.1
Touchkeys thresholds
To tune the detection thresholds, it is first necessary to determine the sensitivity of each
touchkey. In order to do so:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com