Electronic Components Datasheet Search
  English  ▼

X  

AN4316 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4316
Description  Tuning a STMTouch-based application
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4316 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4316 Datasheet HTML 16Page - STMicroelectronics AN4316 Datasheet HTML 17Page - STMicroelectronics AN4316 Datasheet HTML 18Page - STMicroelectronics AN4316 Datasheet HTML 19Page - STMicroelectronics AN4316 Datasheet HTML 20Page - STMicroelectronics AN4316 Datasheet HTML 21Page - STMicroelectronics AN4316 Datasheet HTML 22Page - STMicroelectronics AN4316 Datasheet HTML 23Page - STMicroelectronics AN4316 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Hardware trimming
AN4316
20/26
DocID024847 Rev 2
6
Hardware trimming
6.1
Cs trimming
The Cs capacitance is a key parameter for sensitivity. For touchkey sensors, the Cs value is
usually comprised between 8.7nF to 22nF. For linear and rotary touch sensors, the value is
usually comprised between 47nF and 100nF. These values are given as reference for an
electrode fitting a human finger tip size across a few millimeters dielectric panel.
The signal delta for a touchkey is usually above 20 while it’s around 100 for linear and rotary
touch sensors. These values are given for a normalized test finger.
6.2
Shield adjustment
The efficiency of the shield depends on the waveforms matching between the shielded
channel and the shield burst pulses. The parameters to adapt the shield waveform are Cs
and Rs. These parameters adjustment is performed in 2 steps:
1.
Active shield Cs trimming
The burst envelop of the channels belonging to a same bank should end at the same
voltage level (VIH):
Figure 12. Active shield Cs trimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com