Electronic Components Datasheet Search
  English  ▼

X  

AN4316 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4316
Description  Tuning a STMTouch-based application
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4316 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4316 Datasheet HTML 15Page - STMicroelectronics AN4316 Datasheet HTML 16Page - STMicroelectronics AN4316 Datasheet HTML 17Page - STMicroelectronics AN4316 Datasheet HTML 18Page - STMicroelectronics AN4316 Datasheet HTML 19Page - STMicroelectronics AN4316 Datasheet HTML 20Page - STMicroelectronics AN4316 Datasheet HTML 21Page - STMicroelectronics AN4316 Datasheet HTML 22Page - STMicroelectronics AN4316 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
DocID024847 Rev 2
19/26
AN4316
Charge transfer period tuning
25
Figure 10. Ideal charge transfers
Figure 11. Non-ideal charge transfers
In case of an uncompleted charge, the user must increase the charge transfer period.
Depending on the product and type of acquisition, different adjustments are necessary. The
involved parameters are in the MCU PARAMETERS section of the tsl_conf_stmxxxx.h file:
•
For STM32F0, STM32F3 and STM32L0 products embedding the TSC peripheral, the
trimming is done by increasing TSLPRM_TSC_CTPH for the charge period and/or
TSLPRM_TSC_CTPL for the transfer period, and optionally TSLPRM_TSC_PGPSC to
divide the pulse generator frequency by a power of 2.
•
For STM32L1 product, the charge transfer period is set through
TSLPRM_CT_PERIOD and TSLPRM_TIMER_FREQ parameters.
For STM8L and STM8AL products, the delay is expressed in number of NOP instructions,
executed in one cycle at the CPU frequency (max 16 MHz so in 62.5 ns). Two parameters
are provided: one for the charge period TSLPRM_DELAY_CHARGE and one for the
transfer period TSLPRM_DELAY_TRANSFER.
Please refer to the product related firmware documentation for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com