Electronic Components Datasheet Search
  English  ▼

X  

AN4316 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4316
Description  Tuning a STMTouch-based application
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4316 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4316 Datasheet HTML 8Page - STMicroelectronics AN4316 Datasheet HTML 9Page - STMicroelectronics AN4316 Datasheet HTML 10Page - STMicroelectronics AN4316 Datasheet HTML 11Page - STMicroelectronics AN4316 Datasheet HTML 12Page - STMicroelectronics AN4316 Datasheet HTML 13Page - STMicroelectronics AN4316 Datasheet HTML 14Page - STMicroelectronics AN4316 Datasheet HTML 15Page - STMicroelectronics AN4316 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Tuning of the thresholds
AN4316
12/26
DocID024847 Rev 2
1.
Connect the final hardware to a PC through the ST-Link and power the application
2.
Download the firmware which will be used in the final application with the final
parameters of the STMTouch driver.The default detection thresholds can be set to a
low value but keeping it higher than the noise Level.
3.
Launch STM Studio and configure it as explained in Section 2: STM Studio overview on
page 5.
4.
Use the standard finger as described in Section 4.1: Use of a standard test finger on
page 11.
5.
Touch a touchkey and move the finger in order to find the maximum delta and write
down this value, then repeat it for each touchkey. If around the maximum delta there is
still significant jittering on the measure, then compute the average and use it as
baseline.
These values will be the baseline of all the thresholds. If a significant variation exists
between the baseline of the application touchkeys, it is recommended to set a specific
threshold for each touchkey.
The detection threshold, which must be exceeded in order to report the touchkey as
detected, must be set between 55 % and 65 % of the baseline. The end-of-detection
threshold, below which the key is not detected anymore, must be set between 35 % and
45 % of the baseline.
Figure 5. Threshold position
An example of threshold firmware adjustment, with a baseline measured at 80 and a
threshold adjusted between ~65 % and ~55 % of the baseline is shown below:
MyTKeys[0].p_Param->DetectInTh = 50; // Key 1 detection threshold
MyTKeys[0].p_Param->DetectOutTh = 30; // Key 1 end of detection threshold
The calibration threshold (TSLPRM_TKEY_CALIB_TH) can be common to all keys and set
to 60 % of the maximum baseline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com