Electronic Components Datasheet Search
  English  ▼

X  

AN4467 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 7Page - STMicroelectronics AN4467 Datasheet HTML 8Page - STMicroelectronics AN4467 Datasheet HTML 9Page - STMicroelectronics AN4467 Datasheet HTML 10Page - STMicroelectronics AN4467 Datasheet HTML 11Page - STMicroelectronics AN4467 Datasheet HTML 12Page - STMicroelectronics AN4467 Datasheet HTML 13Page - STMicroelectronics AN4467 Datasheet HTML 14Page - STMicroelectronics AN4467 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
DocID026156 Rev 2
11/33
AN4467
Power supplies
32
1.2
Power supply schemes
The circuit is powered by a stabilized power supply, VDD.
•
The VDD pins must be connected to VDD with external decoupling capacitors; one
single tantalum or ceramic capacitor (minimum 4.7 µF, typically 10 µF) for the package
+ one 100 nF ceramic capacitor for each VDD pin).
•
The VDDA pin must be connected to two external decoupling capacitors (100 nF
ceramic capacitor + 1 µF tantalum or ceramic capacitor).
•
The VREF+ pin can be connected to the VDDA external power supply. If a separate,
external reference voltage is applied on VREF+, a 100 nF and a 1 µF capacitor must be
connected on this pin. To compensate peak consumption on Vref, the 1 µF capacitor
may be increased up to 10 µF when the sampling speed is high. When ADC or DAC is
used, VREF+ must remain between 1.8 V and VDDA. VREF+ can be grounded when ADC
and DAC are not active; this enables the user to power down an external voltage
reference.
•
Additional precautions can be taken to filter digital noise: VDDA can be connected to
VDD through a ferrite bead. In this case take care to keep a (VDDA- VDD) difference
lower than 300 mV.
Figure 2. Power supply scheme
1. VREF+ is either connected to VDDA or to VREF.
2. N is the number of VDD and VSS inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com