Electronic Components Datasheet Search
  English  ▼

X  

AN4467 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 14Page - STMicroelectronics AN4467 Datasheet HTML 15Page - STMicroelectronics AN4467 Datasheet HTML 16Page - STMicroelectronics AN4467 Datasheet HTML 17Page - STMicroelectronics AN4467 Datasheet HTML 18Page - STMicroelectronics AN4467 Datasheet HTML 19Page - STMicroelectronics AN4467 Datasheet HTML 20Page - STMicroelectronics AN4467 Datasheet HTML 21Page - STMicroelectronics AN4467 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Clocks
AN4467
18/33
DocID026156 Rev 2
2.2
HSE OSC clock
The high-speed external clock signal (HSE) can be generated from two possible clock
sources:
•
HSE user external clock (see Figure 8)
•
HSE external crystal/ceramic resonator (see Figure 9)
1. The value of REXT depends on the crystal characteristics. A typical value is in the range of 5 to 6 RS
(resonator series resistance).To fine tune the REXT value ,refer to AN2867(Oscillator design guide for ST
microcontrollers)
2. Load capacitance, CL, has the following formula: CL = CL1 x CL2 / (CL1 + CL2) + Cstray where: Cstray is the
pin capacitance and board or trace PCB-related capacitance. Typically, it is between 2 pF and 7 pF. Please
refer to Section 5.4: Decoupling to minimize its value.
2.2.1
External source (HSE bypass)
In this mode, an external clock source must be provided. It can have a frequency of up to
32 MHz.
The external clock signal (square, sine or triangle) with a duty cycle of about 50%, has to
drive the OSC_IN pin, while the OSC_OUT pin can be used as a GPIO. For Category 2
devices, when the package does not provide OSC_IN, PA0 can receive the external clock
source, see CK_IN definition in RM0377. From current consumption standpoint a square
signal is preferred (see Figure 8).
When HSE Bypass is used with VDD below 2.0 V and in range 1, take care of the frequency
drop as explained in Section 1.1.3: Voltage regulator.
2.2.2
External crystal/ceramic resonator (HSE crystal)
The external oscillator frequency ranges from 1 to 25 MHz.
The external oscillator has the advantage of producing a very accurate rate on the main
clock. The associated hardware configuration is shown in Figure 9.
The resonator and the load capacitors have to be connected as close as possible to the
oscillator pins in order to minimize output distortion and startup stabilization time. The load
capacitance values must be adjusted according to the selected oscillator.
For CL1 and CL2 it is recommended to use high-quality ceramic capacitors in the 5 to 25 pF
range (typical), designed for high-frequency applications and selected to meet the
requirements of the crystal or resonator. CL1 and CL2, are usually the same value. The
Figure 8. External clock
Figure 9. Crystal/ceramic resonators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com