Electronic Components Datasheet Search
  English  ▼

X  

AN4467 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 12Page - STMicroelectronics AN4467 Datasheet HTML 13Page - STMicroelectronics AN4467 Datasheet HTML 14Page - STMicroelectronics AN4467 Datasheet HTML 15Page - STMicroelectronics AN4467 Datasheet HTML 16Page - STMicroelectronics AN4467 Datasheet HTML 17Page - STMicroelectronics AN4467 Datasheet HTML 18Page - STMicroelectronics AN4467 Datasheet HTML 19Page - STMicroelectronics AN4467 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Power supplies
AN4467
16/33
DocID026156 Rev 2
sequence. The power-on and power-down is then monitored by the POR and PDR (see
power-on reset (POR)/power-down reset (PDR) section in the product datasheets).
The BOR threshold hysteresis is ~100 mV (between the rising and the falling edge of the
supply voltage).
1.3.4
System reset
A system reset sets all registers to their reset values except for the RTC, backup registers
and RCC control/status register, RCC_CSR.
A system reset is generated when one of the following events occurs:
1.
A low level on the NRST pin (external reset)
2.
Window watchdog end-of-count condition (WWDG reset)
3.
Independent watchdog end-of-count condition (IWDG reset)
4.
A reset bit set by software (SWreset)
5.
Entering Standby or Stop mode configured to generate a reset (Low-power
management reset)
6.
Option byte loader reset
7.
Exiting Standby mode
8.
Firewall reset.
The reset source can be identified by checking the reset flags in the Control/Status register,
RCC_CSR.
Figure 7. Simplified diagram of the reset circuit
The STM32L does not require an external reset circuit to power-up correctly. Only a pull-
down capacitor is recommended to improve EMS performance by protecting the device
against parasitic resets (see Figure 7).
Charging/discharging the pull-down capacitor through the internal resistor adds to the
device power consumption. The recommended value of 100 nF for the capacitor can be
reduced to 10 nF to limit power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com