Electronic Components Datasheet Search
  English  ▼

X  

AN4467 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4467
Description  Getting started with STM32L0xx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4467 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4467 Datasheet HTML 23Page - STMicroelectronics AN4467 Datasheet HTML 24Page - STMicroelectronics AN4467 Datasheet HTML 25Page - STMicroelectronics AN4467 Datasheet HTML 26Page - STMicroelectronics AN4467 Datasheet HTML 27Page - STMicroelectronics AN4467 Datasheet HTML 28Page - STMicroelectronics AN4467 Datasheet HTML 29Page - STMicroelectronics AN4467 Datasheet HTML 30Page - STMicroelectronics AN4467 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
DocID026156 Rev 2
27/33
AN4467
Recommendations
32
Figure 14. Typical layout for VDD / VSS pair
5.5
Other signals
When designing an application, the EMC performance can be improved by closely studying
the following:
•
Signals for which a temporary disturbance affects the running process permanently
(which is the case for interrupts and handshaking strobe signals but, not the case for
LED commands).
For these signals, a surrounding ground trace, shorter lengths, and the absence of
noisy and sensitive traces nearby (crosstalk effect) improve EMC performance.
For digital signals, the best possible electrical margin must be reached for the two
logical states and slow Schmitt triggers are recommended to eliminate parasitic states.
•
Noisy signals (example, clock)
•
Sensitive signals (example, high impedance)
5.6
Unused I/Os and features
All microcontrollers are designed for a variety of applications and often a particular
application does not use 100% of the MCU resources.
To increase EMC performance and avoid extra power consumption, unused clocks,
counters or I/Os, should not be left free. I/Os should be connected to a fixed logic level of 0
or 1 by an external or internal pull-up or pull-down on the unused I/O pin. The other option is
to configure GPIO as output mode using software. Unused features should be frozen or
disabled, which is their default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com