Electronic Components Datasheet Search
  English  ▼

X  

AN4472 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4472
Description  STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4472 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4472 Datasheet HTML 21Page - STMicroelectronics AN4472 Datasheet HTML 22Page - STMicroelectronics AN4472 Datasheet HTML 23Page - STMicroelectronics AN4472 Datasheet HTML 24Page - STMicroelectronics AN4472 Datasheet HTML 25Page - STMicroelectronics AN4472 Datasheet HTML 26Page - STMicroelectronics AN4472 Datasheet HTML 27Page - STMicroelectronics AN4472 Datasheet HTML 28Page - STMicroelectronics AN4472 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
DocID026198 Rev 1
25/44
AN4472
Hardware layout and configuration
44
Figure 17. Acquisition by Program 6, where C1, C2, C3 and C4 are XDCR_1, XDCR_2,
XDCR_3 and XDCR_4 respectively
Further customized pattern can be uploaded by user into remaining memory slots (thru .dfu
file - see UM1083.pdf), where it's tailored in base of the test necessities from final
application.
3.5
STHV749 stage
The STHV749 high-voltage, high-speed pulser generator features four independent
channels. It is designed for medical ultrasound applications, but can also be used for other
piezoelectric, capacitive, or MEMS transducers.
The device contains a controller logic interface circuit, level translators, MOSFET gate
drivers, noise blocking diodes, and high-power P-channel and N-channel MOSFETs as
output stages for each channel. There is also clamping-to-ground circuitry, anti-leakage, an
anti-memory effect block, a thermal sensor, and a HV receiver switch (HVR_SW) to ensure
strong decoupling during the transmission phase.
The STHV749 also includes self-biasing and thermal shutdown blocks (see block diagram in
Figure 18). Each channel can support up to five active output levels with two main half
bridges. It consists of three independently supplied output stages: two (TX0 and TX1) used
for pulsed wave (PW) and one for continuous wave (CW) operations. TX0 and TX1 are able
to provide up to ± 2 A peak output current each while, to reduce power dissipation and jitter
in continuous wave mode, the fully optimized CW output stage delivers up to ± 0.3 A. The
current capability for CW mode can also be set to 0.6 A.
The device can also be configured to operate as a 3-output-level, ± 4 A, 40 MHz pulser: this
mode can be selected via a dedicated input pin (SEL). In this configuration, the TX0 and
TX1 half bridges are paralleled in order to provide higher peak current and shorter pulse
waveforms, thus providing a higher output frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com