Electronic Components Datasheet Search
  English  ▼

X  

AN4472 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4472
Description  STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4472 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4472 Datasheet HTML 26Page - STMicroelectronics AN4472 Datasheet HTML 27Page - STMicroelectronics AN4472 Datasheet HTML 28Page - STMicroelectronics AN4472 Datasheet HTML 29Page - STMicroelectronics AN4472 Datasheet HTML 30Page - STMicroelectronics AN4472 Datasheet HTML 31Page - STMicroelectronics AN4472 Datasheet HTML 32Page - STMicroelectronics AN4472 Datasheet HTML 33Page - STMicroelectronics AN4472 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Connectors
AN4472
30/44
DocID026198 Rev 1
4.2
Power-up sequence
The device is fully power-up/power-down free, meaning that there is no recommended
sequence to follow in order to power up/down the STHV749.
4.3
MCU
Figure 23. USB mini-B connector (CN1)
Figure 24. SWD (J40)
Table 25. USB mini B connector pin out
Pin number
Description
1
Vbus (power)
2
DM (STM32 PA11)
3
DP (STM32 PA12)
4
N.C.
5
Ground
Table 26. JTAG/SWD connector pin out
Pin number
Description
1
MCU_3V3
2
JTMS
3
GND
4
JTCK
5
GND
6
JTDO
7
GND
8
JTDI
9
GND
10
RESET#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com