Electronic Components Datasheet Search
  English  ▼

X  

UM1519 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1519
Description  This user manual describes the ZigBee
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1519 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1519 Datasheet HTML 8Page - STMicroelectronics UM1519 Datasheet HTML 9Page - STMicroelectronics UM1519 Datasheet HTML 10Page - STMicroelectronics UM1519 Datasheet HTML 11Page - STMicroelectronics UM1519 Datasheet HTML 12Page - STMicroelectronics UM1519 Datasheet HTML 13Page - STMicroelectronics UM1519 Datasheet HTML 14Page - STMicroelectronics UM1519 Datasheet HTML 15Page - STMicroelectronics UM1519 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
STM3220G-EVAL demonstration board
UM1519
12/40
Doc ID 022813 Rev 2
1.6
Reset source
The reset signal of the STM322xG-EVAL demonstration board is low active and the reset
sources include:
●
Reset button B1
●
Debugging tools from JTAG connector CN14 and trace connector CN13
●
Daughterboard from CN3
●
RS232 connector CN16 for ISP
●
ST-LINK/V2.
1.7
EEPROM
A 64 Kbit EEPROM is connected to the I2C1 bus of the STM32F207IGH6.
1.8
Ethernet
The STM322xG-EVAL demonstration board supports 10M/100M Ethernet communication
by a PHY DP83848CVV (U5) and integrated RJ45 connector (CN7). Both MII and RMII
interfaces can be selected by setting jumpers JP5, JP6 and JP8 as listed below:
Table 3.
EEPROM related jumper and solder bridge
Jumper
Description
JP24
The EEPROM is in write protection mode when JP24 is fitted.
Default setting: not fitted
Table 4.
Ethernet related jumpers and solder bridges
Jumper
Description
JP8
JP8 is used to select MII or RMII interface mode.
To enable MII, JP8 is not fitted.
To enable RMII interface mode, JP8 is fitted.
Default setting: not fitted
JP6
To enable MII interface mode, set JP6 as shown (default setting):
To enable RMII interface mode, set JP6 as shown:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com