Electronic Components Datasheet Search
  English  ▼

X  

UM1519 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1519
Description  This user manual describes the ZigBee
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1519 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1519 Datasheet HTML 15Page - STMicroelectronics UM1519 Datasheet HTML 16Page - STMicroelectronics UM1519 Datasheet HTML 17Page - STMicroelectronics UM1519 Datasheet HTML 18Page - STMicroelectronics UM1519 Datasheet HTML 19Page - STMicroelectronics UM1519 Datasheet HTML 20Page - STMicroelectronics UM1519 Datasheet HTML 21Page - STMicroelectronics UM1519 Datasheet HTML 22Page - STMicroelectronics UM1519 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
UM1519
STM3220G-EVAL demonstration board
Doc ID 022813 Rev 2
19/40
19
EMU_5V
-
-
21
PC6
I2S_MCK &
SmartCard_IO
JP21 open
23
PG7
SmartCard_CLK
-
25
PG5
FSMC_A15
-
27
PG3
FSMC_A13
-
29
PD15
FSMC_D1
-
31
PD14
FSMC_D0
-
33
PD12
FSMC_A17
SB15 open
35
PD10
FSMC_D15
-
37
PD8
FSMC_D13
-
39
GND
-
-
41
PB13
ULPI_D6 &
CAN2_TX
-
43
PH12
DCMI_D3 & MC
Remove camera module from CN15.
Disconnect motor control board from
CN5
45
NC
-
-
47
EMU_3V3
-
-
49
EMU_5V
-
-
2
PI2
IO_Expander_INT
Remove R136
4
PI0
I2S_CMD
-
6
PH14
DCMI_D4 & MC
Remove camera module from CN15.
Disconnect motor control board from
CN5
8
PA13
TMS/SWDIO
-
10
GND
-
-
12
PA12
OTG_FS_DP
Remove R19
14
PA10
OTG_FS_ID
Remove R21
16
PA8
MCO
JP5 open
18
PC8
MicroSDCard_D0 & MC
Remove MicroSD card from CN6.
Disconnect motor control board from
CN5
20
PC7
LED4
Remove R140
22
PG8
LED2
Remove R154
24
PG6
LED1
Remove R155
Table 9.
Daughterboard extension connector CN3 (continued)
Pin
Description
Alternative function
How to disconnect with function
block on STM322xG-EVAL board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com