Electronic Components Datasheet Search
  English  ▼

X  

UM1519 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1519
Description  This user manual describes the ZigBee
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1519 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1519 Datasheet HTML 29Page - STMicroelectronics UM1519 Datasheet HTML 30Page - STMicroelectronics UM1519 Datasheet HTML 31Page - STMicroelectronics UM1519 Datasheet HTML 32Page - STMicroelectronics UM1519 Datasheet HTML 33Page - STMicroelectronics UM1519 Datasheet HTML 34Page - STMicroelectronics UM1519 Datasheet HTML 35Page - STMicroelectronics UM1519 Datasheet HTML 36Page - STMicroelectronics UM1519 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
UM1519
Schematics
Doc ID 022813 Rev 2
33/40
Figure 15.
STM3220-21-45-46G-EVAL I/O peripherals
AM12010v1
+2V8
R159
100
COMMON
5
Selection
2
DWON
3
LEFT
1
RIGHT
4
UP
6
U32
MT008-A
JOY_SEL
JOY_DOWN
JOY_LEF T
JOY_RIGHT
JOY_UP
To IO expandor
EEP ROM_SCL
EEP ROM_SD A
E0
1
E1
2
E2
3
VSS
4
SDA
5
SCL
6
WC
7
8
U18
M24C64- RMN6TP
+3V3
R102
10K
JP24
C81
100nF
PB9
PB6
R153
220K
B2
WK UP
C124
do not fit
+3V3
R138
100
R148
4K7
B4
USER
C130
100n F
+3V3
R160
100
R142
4K7
B3
Tamper
C118
100n F
+3V3
R156
100
R139
330
R150
0
R143
0
Anti_Tamper
WAKEUP
User_Button
PC13
PA0
PG15
2
RV1
3386P-103H[10%]
R151
0
+3V3
Potentiometer
C122
10nF
R152
1K
PF9
1
2
LD3
Red
1
2
LD2
Orange
1
2
LD4
Blue
1
2
LD1
Green
R155
510
R154
680
R141
680
R140
680
LED4
LED3
LED1
LED2
PG6
PG8
PI9
PC7
MEMS_SCL
MEMS_SDA
MEMS_I NT1
MEMS_I NT2
VDD_IO
1
GND
2
Reserved
3
GND
4
GND
5
VD D
6
CS
7
INT1
8
INT2
9
GND
10
Reserved
11
SDO
12
SDA
13
SCL
14
U20
LI S302D L
+2V8
R107
10 K
+2V8
C89
100nF
To I O expandor
PB9
PB6
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com