Electronic Components Datasheet Search
  English  ▼

X  

UM1519 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1519
Description  This user manual describes the ZigBee
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1519 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1519 Datasheet HTML 10Page - STMicroelectronics UM1519 Datasheet HTML 11Page - STMicroelectronics UM1519 Datasheet HTML 12Page - STMicroelectronics UM1519 Datasheet HTML 13Page - STMicroelectronics UM1519 Datasheet HTML 14Page - STMicroelectronics UM1519 Datasheet HTML 15Page - STMicroelectronics UM1519 Datasheet HTML 16Page - STMicroelectronics UM1519 Datasheet HTML 17Page - STMicroelectronics UM1519 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
STM3220G-EVAL demonstration board
UM1519
14/40
Doc ID 022813 Rev 2
1.10
Development and debug support
The version 2 of the ST-LINK, called ST-LINK/V2, is embedded on the board. This tool
allows onboard program loading and debugging of the STM32F using the JTAG or SWD
interface.
Third-party debug tools are also supported by the JTAG (CN14) or trace (CN13) connectors.
To communicate with the embedded ST-LINK/V2, a specific driver needs to be installed on
the PC. To download and install this driver, refer to the software and development tools page
for the STM32F family available on www.st.com (the install shield is called ST-
LINK_V2_USBdriver.exe).
The embedded ST-LINK/V2 connects to the PC via a standard USB cable from connector
CN21. The bicolor LED LD10 (COM) indicates the status of the communication as follows:
●
Slow blinking red/off: at power-on before USB initialization
●
Fast blinking red/off: after the first correct communication between PC and ST-LINK/V2
(enumeration)
●
Red LED on: when initialization between PC and ST-LINK/V2 is successfully finished
●
Green LED on: after successful target communication initialization
●
Blinking red/green: during communication with target
●
Green on: communication finished and OK
●
Orange on
: communication failure.
Note:
It is possible to power the board via CN21 (embedded ST-LINK/V2 USB connector) even if
an external tool is connected to CN13 (trace) or CN14 (external JTAG and SWD).
1.11
Display and input devices
The 3.2" TFT color LCD connected to the FSMC bus and 4 general purpose color LEDs
(LED 1, 2, 3, 4) are available as display devices. A touchscreen connected to an I/O
expander (U24), 4-direction joystick with selection key, general purpose button (B4), wakeup
button (B2) and tamper detection button (B3) are available as input devices.
Table 6.
LCD modules
3.2” TFT LCD with touchscreen (CN16)
Pin on CN16
Pin name
Pin connection
1
CS
FSMC_NE3 (PG10)
2
RS
FSMC_A0
3
WR/SCL
FSMC_NWE
4
RD
FSMC_NOE
5
RESET
RESET#
6PD1
FSMC_D0
7PD2
FSMC_D1
8PD3
FSMC_D2
9PD4
FSMC_D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com