Electronic Components Datasheet Search
  English  ▼

X  

UM1519 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1519
Description  This user manual describes the ZigBee
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1519 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1519 Datasheet HTML 20Page - STMicroelectronics UM1519 Datasheet HTML 21Page - STMicroelectronics UM1519 Datasheet HTML 22Page - STMicroelectronics UM1519 Datasheet HTML 23Page - STMicroelectronics UM1519 Datasheet HTML 24Page - STMicroelectronics UM1519 Datasheet HTML 25Page - STMicroelectronics UM1519 Datasheet HTML 26Page - STMicroelectronics UM1519 Datasheet HTML 27Page - STMicroelectronics UM1519 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
ZigBee module SPZB32W1x2.1
UM1519
24/40
Doc ID 022813 Rev 2
2
ZigBee module SPZB32W1x2.1
The SPZB32W is a low power consumption ZigBee module optimized for embedded
applications. It enables OEMs to easily add wireless capability to electronic devices. The
module is based on the SN260 ZigBee network processor which integrates a 2.4 GHz, IEEE
802.15.4-compliant transceiver as well as IEEE 802.15.4 PHY and MAC. The module is
controlled by means of a standard serial interface (SPI) allowing connection to a variety of
host microcontrollers.
3
Hardware requirements
●
ZigBee adapter board
●
ZigBee module SPZB32W
●
VDC / 2 A isolated power supply is recommended
●
One JTAG programmer/debugger dongle (J-Link from SEGGER or IAR Systems™ is
recommended). It is unnecessary if no modifications to the firmware code have been
performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com