Electronic Components Datasheet Search
  English  ▼

X  

UPD72001C Datasheet(PDF) 25 Page - NEC

Part # UPD72001C
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001C Datasheet(HTML) 25 Page - NEC

Back Button UPD72001C Datasheet HTML 21Page - NEC UPD72001C Datasheet HTML 22Page - NEC UPD72001C Datasheet HTML 23Page - NEC UPD72001C Datasheet HTML 24Page - NEC UPD72001C Datasheet HTML 25Page - NEC UPD72001C Datasheet HTML 26Page - NEC UPD72001C Datasheet HTML 27Page - NEC UPD72001C Datasheet HTML 28Page - NEC UPD72001C Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
µPD72001-11, 72001-A8
25
AC Test Input Waveform (except clock)
1.8
0.6
1.8
0.6
Test points
2.2
0.5
AC Test Clock Input Waveform
0.8 VDD
0.15 VDD
0.8 VDD
0.15 VDD
Test points
Load Condition
DUT
CL = 100 pF
CL includes jig capacitance
Caution If the load capacitance exceeds 100 pF due to the configuration of the circuit, keep the load
capacitance of this device to within 100 pF by inserting a buffer or by any other means.
Remark DUT: Tested device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com