Electronic Components Datasheet Search
  English  ▼

X  

UPD72001C Datasheet(PDF) 35 Page - NEC

Part # UPD72001C
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001C Datasheet(HTML) 35 Page - NEC

Back Button UPD72001C Datasheet HTML 31Page - NEC UPD72001C Datasheet HTML 32Page - NEC UPD72001C Datasheet HTML 33Page - NEC UPD72001C Datasheet HTML 34Page - NEC UPD72001C Datasheet HTML 35Page - NEC UPD72001C Datasheet HTML 36Page - NEC UPD72001C Datasheet HTML 37Page - NEC UPD72001C Datasheet HTML 38Page - NEC UPD72001C Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
µPD72001-11, 72001-A8
35
52 PIN PLASTIC QFJ (
750 mil)
A
52
B
1
F
E
N
T
Q
M
M
K
P
P52L-50A1-2
ITEM
MILLIMETERS
INCHES
NOTE
Each lead centerline is located within 0.12
mm (0.005 inch) of its true position (T.P.) at
maximum material condition.
+0.007
–0.006
A
B
C
D
E
F
G
H
I
J
K
M
N
P
Q
T
U
20.1±0.2
19.12
19.12
20.1±0.2
1.94±0.15
0.6
4.4±0.2
2.8±0.2
0.9 MIN.
3.4
1.27 (T.P.)
0.40±0.10
0.12
18.04±0.20
0.15
R 0.8
0.20
0.791
0.753
0.753
0.791
0.076
0.024
0.173
0.110
0.035 MIN.
0.134
0.050 (T.P.)
0.016
0.005
0.710
0.006
R 0.031
0.008
+0.009
–0.008
+0.009
–0.008
+0.10
–0.05
+0.004
–0.002
+0.009
–0.008
+0.009
–0.008
+0.009
–0.008
+0.004
–0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com