Electronic Components Datasheet Search
  English  ▼

X  

UPD72001C Datasheet(PDF) 37 Page - NEC

Part # UPD72001C
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001C Datasheet(HTML) 37 Page - NEC

Back Button UPD72001C Datasheet HTML 32Page - NEC UPD72001C Datasheet HTML 33Page - NEC UPD72001C Datasheet HTML 34Page - NEC UPD72001C Datasheet HTML 35Page - NEC UPD72001C Datasheet HTML 36Page - NEC UPD72001C Datasheet HTML 37Page - NEC UPD72001C Datasheet HTML 38Page - NEC UPD72001C Datasheet HTML 39Page - NEC UPD72001C Datasheet HTML 40Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
µPD72001-11, 72001-A8
37
•
µPD72001GC-11-3B6 : 52-pin plastic QFP (14 × 14 mm)
µPD72001GC-A8-3B6: 52-pin plastic QFP (14 × 14 mm)
Soldering Method
Soldering Condition
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 seconds MAX.
IR35-00-3
(210
°C MIN.), Number of times: 3 MAX.
VPS
Package peak temperature: 215
°C, Time: 40 seconds MAX.
VP15-00-3
(200
°C MIN.), Number of times: 3 MAX.
Wave soldering
Solder bath temperature: 260
°C MAX., Time: 10 seconds MAX.,
WS60-00-1
Number of times: 1
Preheating temperature: 120
°C MAX. (package surface temperature)
Partial heating
Pin temperature: 300
°C MAX., Time: 3 seconds MAX.
—
(per side of device)
Caution Do not use two or more soldering methods in combination (except partial heating).
•
µPD72001L-11: 52-pin plastic QFJ (750 × 750 mil)
Soldering Method
Soldering Condition
Recommended
Condition Symbol
VPS
Package peak temperature: 215
°C, Time: 40 seconds MAX.
VP15-00-1
(200
°C MIN.), Number of times: 1
Partial heating
Pin temperature: 300
°C MAX., Time: 3 seconds MAX.
—
(per side of device)
Through-hole type
•
µPD72001C-11 : 40-pin plastic DIP (600 mil)
µPD72001C-A8: 40-pin plastic DIP (600 mil)
Soldering Method
Soldering Condition
Wave soldering (pins only)
Solder bath temperature: 260
°C MAX., Time: 10 seconds MAX.
Partial heating
Pin temperature: 300
°C MAX., Time: 3 seconds MAX.
(per pin)
Caution When soldering this product using of wave soldering, exercise care that the solder does not come
in direct contact with the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com