Electronic Components Datasheet Search
  English  ▼

X  

LT1256 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1256
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1256 Datasheet(HTML) 1 Page - Linear Technology

  LT1256 Datasheet HTML 1Page - Linear Technology LT1256 Datasheet HTML 2Page - Linear Technology LT1256 Datasheet HTML 3Page - Linear Technology LT1256 Datasheet HTML 4Page - Linear Technology LT1256 Datasheet HTML 5Page - Linear Technology LT1256 Datasheet HTML 6Page - Linear Technology LT1256 Datasheet HTML 7Page - Linear Technology LT1256 Datasheet HTML 8Page - Linear Technology LT1256 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LT1251/LT1256
40MHz Video Fader and
DC Gain Controlled Amplifier
TYPICAL APPLICATION
Two-Input Video Fader
–
+
–
+
IN1
IN2
2.5VDC
INPUT
RF2
1.5k
VOUT
RF1
1.5k
IFS
IC
IC
V+
V–
NULL
1251/56 TA01
0V TO 2.5V
CONTROL
2
–
+
–
+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CONTROL
LT1251/LT1256
1
CFS
5k
5k
IFS
LT1256
Gain Accuracy vs Control Voltage
FEATURES
DESCRIPTION
s
Accurate Linear Gain Control:
±1% Typ, ±3% Max
s
Constant Gain with Temperature
s
Wide Bandwidth: 40MHz
s
High Slew Rate: 300V/
µs
s
Fast Control Path: 10MHz
s
Low Control Feedthrough: 2.5mV
s
High Output Current: 40mA
s
Low Output Noise
45nV/
√Hz at AV = 1
270nV/
√Hz at AV = 100
s
Low Distortion: 0.01%
s
Wide Supply Range:
±2.5V to ±15V
s
Low Supply Current: 13mA
s
Low Differential Gain and Phase: 0.02%, 0.02
°
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIONS
s
Composite Video Gain Control
s
RGB, YUV Video Gain Control
s
Video Faders, Keyers
s
Gamma Correction Amplifiers
s
Audio Gain Control, Faders
s
Multipliers, Modulators
s
Electronically Tunable Filters
The LT
®1251/LT1256 are 2-input, 1-output, 40MHz cur-
rent feedback amplifiers with a linear control circuit that
sets the amount each input contributes to the output.
These parts make excellent electronically controlled vari-
able gain amplifiers, filters, mixers and faders. The only
external components required are the power supply by-
pass capacitors and the feedback resistors. Both parts
operate on supplies from
±2.5V (or single 5V) to ±15V
(or single 30V).
Absolute gain accuracy is trimmed at wafer sort to mini-
mize part-to-part variations. The circuit is completely
temperature compensated.
The LT1251 includes circuitry that eliminates the need for
accurate control signals around zero and full scale. For
control signals of less than 2% or greater than 98%, the
LT1251 sets one input completely off and the other
completely on. This is ideal for fader applications because
it eliminates off-channel feedthrough due to offset or gain
errors in the control signals.
The LT1256 does not have this on/off feature and operates
linearly over the complete control range. The LT1256 is
recommended for applications requiring more than 20dB
of linear control range.
CONTROL VOLTAGE (V)
0
5
4
3
2
1
0
–1
–2
–3
–4
–5
2.0
1251/56 TA02
0.5
1.0
1.5
2.5
VS = ±5V
VFS = 2.5V
100
GAIN ACCURACY (%) = AVMEAS –
()VC
2.5 ()


Similar Part No. - LT1256

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1256 LINER-LT1256 Datasheet
666Kb / 22P
100MHz Current Feedback
LT1256 LINER-LT1256_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
More results

Similar Description - LT1256

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
Video Gain Control/Fader
EL4095C ELANTEC-EL4095C Datasheet
457Kb / 24P
Video Gain Control/Fader/Multiplexer
EL4453C ELANTEC-EL4453C Datasheet
297Kb / 12P
Video Fader
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541 Datasheet
481Kb / 9P
40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
September 1998
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
Video Gain Control/Fader
August 1996
EL4095 INTERSIL-EL4095 Datasheet
767Kb / 19P
Video Gain Control/Fader/Multiplexer
August 1996
EL4453 INTERSIL-EL4453 Datasheet
371Kb / 10P
Video Fader
January 1995
logo
Linear Technology
LT1251 LINER-LT1251_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
LT1256 LINER-LT1256_15 Datasheet
392Kb / 24P
40MHz Video Fader and DC Gain Controlled Amplifier
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
3V Video Amplifier with 6dB Gain and Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com