Electronic Components Datasheet Search
  English  ▼

X  

LT1256 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1256
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1256 Datasheet(HTML) 5 Page - Linear Technology

  LT1256 Datasheet HTML 1Page - Linear Technology LT1256 Datasheet HTML 2Page - Linear Technology LT1256 Datasheet HTML 3Page - Linear Technology LT1256 Datasheet HTML 4Page - Linear Technology LT1256 Datasheet HTML 5Page - Linear Technology LT1256 Datasheet HTML 6Page - Linear Technology LT1256 Datasheet HTML 7Page - Linear Technology LT1256 Datasheet HTML 8Page - Linear Technology LT1256 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LT1251/LT1256
CONTROL VOLTAGE (V)
0
1.0
0.8
0.6
0.4
0.2
0
2.0
1251/56 G01
0.5
1.0
1.5
2.5
VFS = 2.5V
IN2
IN1
TYPICAL PERFORMANCE CHARACTERISTICS
LT1251/LT1256
Control Path Bandwidth
FREQUENCY (Hz)
10
8
6
4
2
0
–2
–4
–6
–8
–10
10k
1M
10M
100M
1251/56 G04
100k
VOLTAGE DRIVE VC
VS = ±5V
PIN 4 NOT IN SOCKET
THD Plus Noise vs Frequency
FREQUENCY (Hz)
0.01
0.1
1
10
10
1k
10k
1251/56 G08
0.001
100
100k
VC
CC
= 10%
VC
CC
= 50%
VC
CC
= 100%
VS
CC
= ±5V, VIN = 1VRMS
AV = 1, RF = 1.5k, VFS = 2.5V
CONTROL VOLTAGE (V)
0
1.0
0.8
0.6
0.4
0.2
0
2.0
1251/56 G02
0.5
1.0
1.5
2.5
VFS = 2.5V
IN2
IN1
FREQUENCY (Hz)
100k
8
7
6
5
4
3
2
1
1M
10M
100M
1251/56 G07
AV = 10
AV = 1
VS = ±5V
RL = 1k
RF = 1.5k
VC = VFS = 2.5V
Undistorted Output Voltage
vs Frequency
FREQUENCY (Hz)
10
8
6
4
2
0
–2
–4
–6
–8
–10
10k
1M
10M
100M
1251/56 G05
100k
VOLTAGE DRIVE RC
VC = GND
VS = ±5V
LT1251/LT1256
Control Path Bandwidth
FREQUENCY (MHz)
05
10
20
15
25
30
1251/56 G10
50
45
40
35
30
25
20
15
10
VS
CC
= ±15V
AV = 1
RF = 1.5k
RL = 100Ω
VC = VFS = 2.5V
3rd Order Intercept vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
FREQUENCY (MHz)
1
–20
–30
–40
–50
–60
–70
10
100
1251/56 G09
VS
CC
= ±5V
AV = 1
RF = 1.5k
RL = 1k
VO = 2VP-P
VC = VFS = 2.5V
3RD
2ND
FREQUENCY (Hz)
10
1
10
100
100
1k
10k
1251/56 G06
+in
en
–in
Spot Input Noise Voltage and
Current vs Frequency
LT1251
Gain vs Control Voltage
LT1256
Gain vs Control Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com