Electronic Components Datasheet Search
  English  ▼

X  

LT1256 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1256
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1256 Datasheet(HTML) 4 Page - Linear Technology

  LT1256 Datasheet HTML 1Page - Linear Technology LT1256 Datasheet HTML 2Page - Linear Technology LT1256 Datasheet HTML 3Page - Linear Technology LT1256 Datasheet HTML 4Page - Linear Technology LT1256 Datasheet HTML 5Page - Linear Technology LT1256 Datasheet HTML 6Page - Linear Technology LT1256 Datasheet HTML 7Page - Linear Technology LT1256 Datasheet HTML 8Page - Linear Technology LT1256 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LT1251/LT1256
SIG AL A PLIFIER DC CHARACTERISTICS
0
°C ≤ TA ≤ 70°C, VS = ±5V, VCM = 0V, VFS = 2.5V, IC = IFS = NULL = Open, Pins 5,10 = GND, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VO = – 3V to 3V, RL = 150Ω
83
93
dB
VO = – 2.75V to 2.75V, RL = 150Ω
q
83
dB
ROL
Transresistance,
∆VOUT/∆IIN–
VO = – 3V to 3V, RL = 150Ω
0.75
1.8
M
Ω
VO = – 2.75V to 2.75V, RL = 150Ω
q
0.75
M
Ω
VOUT
Maximum Output Voltage Swing
No Load
q
±4.0
±4.2
V
RL = 150Ω
±3.0
±3.5
V
q
±2.75
V
VS = ±15V, No Load
q
±14.0
±14.2
V
VS = 5V, VCM = 2.5V, (Note 6)
q
1.2
3.8
V
IO
Maximum Output Current
VS = ±5V
q
±30
±40
mA
VS = 5V, VCM = VO = 2.5V
q
±20
±30
mA
IS
Supply Current
VC = VFS = 2.5V
q
13.5
17.0
mA
VC = VFS = 1.25V
q
7.5
9.5
mA
VC = VFS = 0V
q
1.3
1.8
mA
VC = VFS = 2.5V, VS = ±15V
q
14.5
18.5
mA
VC = VFS = 0V, VS = ±15V
q
1.4
2.0
mA
CO TROL A D FULL SCALE A PLIFIER CHARACTERISTICS
0
°C ≤ TA ≤ 70°C, VS = ±5V, VFS = 2.5V, IC = IFS = NULL = Open, Pins 5,10 = GND, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Control Amplifier Input Offset Voltage
Pin 4 to Pin 3
q
515
mV
Full-Scale Amplifier Input Offset Voltage
Pin 11 to Pin 12
q
515
mV
Control Amplifier Input Resistance
q
25
100
M
Ω
Full-Scale Amplifier Input Resistance
q
25
100
M
Ω
Control Amplifier Input Bias Current
q
– 750
– 300
nA
Full-Scale Amplifier Input Bias Current
q
– 750
– 300
nA
RC
Internal Control Resistor
TA = 25°C
3.75
5
6.25
k
Ω
RFS
Internal Full-Scale Resistor
TA = 25°C
456
k
Ω
Resistor Temperature Coefficient
0.2
%/
°C
Control Path Bandwidth
Small Signal, VC = 100mV, (Note 7)
10
MHz
Control Path Rise and Fall Time
Small Signal, VC = 100mV, (Note 7)
35
ns
Control Path Transition Time
0% to 100%
150
ns
Control Path Propagation Delay
Small Signal,
∆VC = 100mV
50
ns
VC from 0% or 100%
90
ns
The q denotes specifications which apply over the specified operating
temperature range.
Note 1: A heat sink may be required depending on the power supply
voltage.
Note 2: Commercial grade parts are designed to operate over the
temperature range of – 40
°C to 85°C but are neither tested nor guaranteed
beyond 0
°C to 70°C. Industrial grade parts specified and tested over
–40
°C to 85°C are available on special request. Consult factory.
Note 3: TJ is calculated from the ambient temperature TA and the power
dissipation PD according to the following formulas:
LT1251CN/LT1256CN:
TJ = TA + (PD • 70°C/W)
LT1251CS/LT1256CS:
TJ = TA + (PD • 100°C/W)
Note 4: Differential gain and phase are measured using a Tektronix
TSG120YC/NTSC signal generator and a Tektronix 1780R Video
Measurement Set. The resolution of this equipment is 0.1% and 0.1
°. Five
identical amplifier stages were cascaded giving an effective resolution of
0.02% and 0.02
°.
Note 5: Differential gain and phase are best when the control is set at 0%
or 100%. See the Typical Performance Characteristics curves.
Note 6: Tested with RL = 150Ω to 2.5V to simulate an AC coupled load.
Note 7: Small-signal control path response is measured driving RC (Pin 5)
to eliminate peaking caused by stray capacitance on Pin 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com