Electronic Components Datasheet Search
  English  ▼

X  

LT1256 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1256
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1256 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1256 Datasheet HTML 15Page - Linear Technology LT1256 Datasheet HTML 16Page - Linear Technology LT1256 Datasheet HTML 17Page - Linear Technology LT1256 Datasheet HTML 18Page - Linear Technology LT1256 Datasheet HTML 19Page - Linear Technology LT1256 Datasheet HTML 20Page - Linear Technology LT1256 Datasheet HTML 21Page - Linear Technology LT1256 Datasheet HTML 22Page - Linear Technology LT1256 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LT1251/LT1256
TYPICAL APPLICATIONS
V
ω (V)
0
350
300
250
200
150
100
50
0
1.5
1251/56 TA15b
0.5
1.0
2.0
2.5
VFS = 2.5V
Center Frequency vs Control Voltage V
ω
Q vs Control Voltage VQ
1.5k
500
Ω
1251/56 TA15a
2
8
VIN
500pF
500pF
14
13
12
10
5
3
1
VC
RC
RFS
VFS
VFS
LT1256
–
+
–
+
2
1
1.5k
HPOUT
BPOUT
LPOUT
1k
1k
1k
1.5k
1.5k
1k
1k
1k
1k
500pF
500pF
1.5k
2
8
14
13
12
10
5
3
1
VC
RC
RFS
VFS
VFS
LT1256
–
+
–
+
2
1
1.5k
1.5k
2
8
14
13
12
10
5
3
1
VC
RC
RFS
VFS
VFS
VFS = 2.5V
VQ
LT1256
–
+
–
+
2
1
–
+
LT1252
V
ω
V
ω
VQ (V)
0
6
5
4
3
2
1
0
0.5
1.0
1.5
2.0
1251/56 TA15c
2.5
VFS = 2.5V
State Variable Filter with Adjustable Frequency and Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com