Electronic Components Datasheet Search
  English  ▼

X  

LT1256 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1256
Description  40MHz Video Fader and DC Gain Controlled Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1256 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1256 Datasheet HTML 16Page - Linear Technology LT1256 Datasheet HTML 17Page - Linear Technology LT1256 Datasheet HTML 18Page - Linear Technology LT1256 Datasheet HTML 19Page - Linear Technology LT1256 Datasheet HTML 20Page - Linear Technology LT1256 Datasheet HTML 21Page - Linear Technology LT1256 Datasheet HTML 22Page - Linear Technology LT1256 Datasheet HTML 23Page - Linear Technology LT1256 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LT1251/LT1256
LT1251/LT1256 Macro Model for PSpice
ACRO ODEL
2B
PIN # IN
NODE # IN
FIRST INPUT STAGE
OUTPUT STAGE AND VOLTAGE SWING/CURRENT LIMIT
1
2
1251/56 MM
2A
C1
1.5pF
RI1
17M
VOS1
R1
27
Ω
IB1
500nA
C2
1pF
E1
8A
8B
8P
DP
DN
8N
RG
1.8M
CG
3.4pF
E6
13B
SECOND INPUT STAGE
14
13
13A
C14
1.5pF
RI2
17M
VOS2
R2
27
Ω
IB2
450nA
C13
1pF
E2
7
GEE
9
GCC
9
7
GQ
CONTROL AMP
3
5
4
3A
3B
C3
1pF
CBWC
10pF
RIC
100M
VOSC
RC
5k
R3
1.6k
IBC
–300nA
C4
1pF
C5
1pF
EC
FULL SCALE AMP
12
10
11
12A
12B
C12
1pF
CBWFS
10pF
RIFS
100M
VOSFS
RFS
5k
R12
1.6k
IBFS
–300nA
C11
1pF
C10
1pF
NULL CIRCUIT
EFS
8
8C
8D
R8
11
Ω
E8
V8
K GENERATOR
K
RDUMMY
1M
EK
NOISE GENERATOR
EN
RNOISE2
200k
RNOISE1
200k
6B
6A
6
C6
1pF
RN1
200
Ω
RN2
400
Ω
GNULL
VNULL
7
SUPPLY CURRENTS
VDP
VDN
GCL
9
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com