Electronic Components Datasheet Search
  English  ▼

X  

LT1306 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1306
Description  Synchronous, Fixed Frequency Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1306 Datasheet(HTML) 1 Page - Linear Technology

  LT1306 Datasheet HTML 1Page - Linear Technology LT1306 Datasheet HTML 2Page - Linear Technology LT1306 Datasheet HTML 3Page - Linear Technology LT1306 Datasheet HTML 4Page - Linear Technology LT1306 Datasheet HTML 5Page - Linear Technology LT1306 Datasheet HTML 6Page - Linear Technology LT1306 Datasheet HTML 7Page - Linear Technology LT1306 Datasheet HTML 8Page - Linear Technology LT1306 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1306
TYPICAL APPLICATION
APPLICATIO S
DESCRIPTIO
FEATURES
Synchronous, Fixed Frequency
Step-Up DC/DC Converter
s
Output Disconnected from Input During Shutdown
s
Output Voltage Remains Regulated
When VIN > VOUT
s
Controlled Input Current During Start-Up
s
300kHz Current Mode PWM Operation
s
Can Be Externally Synchronized
s
Internal 2A Switches
s
Operates with VIN as Low as 1.8V
s
Automatic Burst Mode Operation at Light Loads
s
Quiescent Current: 160
µA
s
Shutdown Current: 9
µA Typ
The LT
®1306 is a fully integrated, fixed frequency syn-
chronous boost converter capable of generating 5V at 1A
from a Li-Ion cell. The device contains both the main
power switch and synchronous rectifier on chip and
automatically disconnects the output from the input in
shutdown, eliminating the need for external load discon-
nect circuitry. Additionally, the output remains regulated
when VIN exceeds VOUT, allowing difficult step-up/step-
down converter functions to be easily realized using a
single inductor.
The internal 300kHz oscillator of the LT1306 can be easily
synchronized to an external clock from 425kHz to 500kHz.
This allows switching harmonics to be tightly controlled
and eliminates any beat frequencies that may result from
a multifrequency system. The LT1306 automatically shifts
into power saving Burst Mode
TM operation at light loads.
At heavy loads the LT1306 operates in fixed frequency
current mode. No-load quiescent current is 160
µA and
reduces to 9
µA in shutdown mode.
The LT1306 is available in an SO-8 package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.
s
Satellite Phones
s
Portable Instruments
s
Personal Digital Assistants
s
Palmtop Computers
LOAD CURRENT (mA)
1
60
80
85
90
10
100
1000
1306 TA01
75
70
65
VIN = 4.2V
VIN = 3.6V
VIN = 2.6V
VO = 5V
L1 = 10
µH
(FIGURE 1)
SW
L1
10
µH
D1
C1
1
µF
VIN
CAP
LT1306
R3
118k
R2
249k
R1
768k
CZ
68nF
CIN2
0.1
µF
CIN1
22
µF
1-CELL
Li-Ion
CP
68pF
CO2
1
µF
CO1
220
µF
CIN1: AVX TAJC226M010
CO1: AVX TPSE227M010R0100
CIN1, CO2: CERAMIC
C1: AVX TAJA105K020
D1: MMBD914LT1
L1: CTX10-2
1306 F01
5V
1A
OUT
S/S
FB
VC
GND
+
+
Efficiency
Figure 1. Single Li-Ion Cell to 5V Converter


Similar Part No. - LT1306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1306 LINER-LT1306 Datasheet
219Kb / 16P
Synchronous, Fixed Frequency Step-Up DC/DC Converter
LT1306 LINER-LT1306_15 Datasheet
219Kb / 16P
Synchronous, Fixed Frequency Step-Up DC/DC Converter
More results

Similar Description - LT1306

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
Step-Up Synchronous PFM DC/DC Converter
logo
Linear Technology
LT1306 LINER-LT1306_15 Datasheet
219Kb / 16P
Synchronous, Fixed Frequency Step-Up DC/DC Converter
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
PFM Synchronous Step-up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com