Electronic Components Datasheet Search
  English  ▼

X  

LT1306 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1306
Description  Synchronous, Fixed Frequency Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1306 Datasheet(HTML) 5 Page - Linear Technology

  LT1306 Datasheet HTML 1Page - Linear Technology LT1306 Datasheet HTML 2Page - Linear Technology LT1306 Datasheet HTML 3Page - Linear Technology LT1306 Datasheet HTML 4Page - Linear Technology LT1306 Datasheet HTML 5Page - Linear Technology LT1306 Datasheet HTML 6Page - Linear Technology LT1306 Datasheet HTML 7Page - Linear Technology LT1306 Datasheet HTML 8Page - Linear Technology LT1306 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1306
TYPICAL PERFORMANCE CHARACTERISTICS
RECTIFIER CURRENT (A)
0
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1.5
1306 • G13
0.5
1.0
2.0
2.5
TA = –40°C
TA = 25°C
TA = 85°C
RECTIFIER CURRENT (A)
0
1.90
1.85
1.80
1.75
1.70
1.65
1.60
1.55
1.5
1306 • G14
0.5
1.0
2.0
VIN = 6V
VOUT = 5V
TA = 25°C
Rectifier Saturation Voltage
vs Current
Stepdown-Mode Rectifier Voltage
vs Current
Continuous-Conduction Mode
Switching Waveforms in Boost
Operation
VO
0.1V/DIV
AC
VSW
5V/DIV
IL
0.5A/DIV
VIN = 4.2V
VO = 5V
2
µs/DIV
1ms/DIV
2
µs/DIV
1ms/DIV
VIN = 2.5V
VO
5V/DIV
VSW
5V/DIV
IL
2A/DIV
VS/S
5V/DIV
Start-Up to Shutdown Transient
Response*
Continuous-Conduction Mode
Switching Waveforms in
Stepdown Mode
VIN = 6V
VO = 5V
VO
50mV/DIV
AC
VSW
5V/DIV
IL
0.5V/DIV
Transient Response of the
Converter in Figure 1 with a
50mA to 800mA Load Step
VIN = 3.6V
VO = 5V
LOAD
CURRENT
0.5A/DIV
DC
INDUCTOR
CURRENT
1A/DIV
OUTPUT
0.1V/DIV
AC
*Notice that the Input Start-Up Current is well Controlled and the
Output Voltage Falls to Zero in Shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com