Electronic Components Datasheet Search
  English  ▼

X  

LT1306 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1306
Description  Synchronous, Fixed Frequency Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1306 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1306 Datasheet HTML 2Page - Linear Technology LT1306 Datasheet HTML 3Page - Linear Technology LT1306 Datasheet HTML 4Page - Linear Technology LT1306 Datasheet HTML 5Page - Linear Technology LT1306 Datasheet HTML 6Page - Linear Technology LT1306 Datasheet HTML 7Page - Linear Technology LT1306 Datasheet HTML 8Page - Linear Technology LT1306 Datasheet HTML 9Page - Linear Technology LT1306 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1306
PIN FUNCTIONS
VC (Pin 1): Compensation Pin for Error Amplifier. VC is
the output of the transconductance error amplifier. Loop
frequency compensation is done by connecting an RC
network from the VC pin to ground.
FB (Pin 2): Inverting Input of the Error Amplifier. Connect
the resistor divider tap here. Set output voltage according
to VOUT = 1.24V (1 + R1/R2).
VOUT (Pin 3): Output of the Switching Regulator and Emit-
ter of the Synchronous Rectifier. Connect appropriate
output capacitor from here to ground. VOUT must be kept
below 5.5V.
GND (Pin 4): Ground. Connect to local ground plane.
SW (Pin 5): Switch Pin. The collectors of the grounded
power switch and the synchronous rectifier. Keep the SW
trace as short as possible to minimize EMI.
CAP (Pin 6): Power Supply to the Synchronous Rectifier
Driver. The bootstrap capacitor and the blocking diode
are tied to this pin. The CAP voltage switches between a
low level of VIN – VD to a high level determined by the VSW
high level.
VIN (Pin 7): Supply or Battery Input Pin. Must be closely
bypassed to ground plane.
S/S (Pin 8): Shutdown and Synchronization Pin. Shut-
down is active low with a typical threshold of 0.9V. For
normal operation, the S/S pin is tied to VIN. To externally
synchronize the switching regulator, drive the S/S pin
with a pulse train.
BLOCK DIAGRA
Figure 2. LT1306 Block Diagram
+
A1
gm
+
+
VC
VB
+
+
+
2
1
VIN
A4
7
FB
8
S/S
4
GND
PWM CONTROL
1306 F02
5
1.24V
1.65V
UVLO
Σ
RAMP
COMPENSATION
REF/BIAS
SHUTDOWN
DELAY
SHDN
SYNC
300kHz OSC
CLK
IDLE
SW
X5
X4
6
CAP
S
Q
R
Q1
Q2
IRECT > 0
IRECT
RS
A2
SENSE
AMP
DCM
CONTROL
3
OUT
RECTIFIER
+V
CE2
X1
X2
X4
X3
A5
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com