Electronic Components Datasheet Search
  English  ▼

X  

LT1306 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1306
Description  Synchronous, Fixed Frequency Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1306 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1306 Datasheet HTML 8Page - Linear Technology LT1306 Datasheet HTML 9Page - Linear Technology LT1306 Datasheet HTML 10Page - Linear Technology LT1306 Datasheet HTML 11Page - Linear Technology LT1306 Datasheet HTML 12Page - Linear Technology LT1306 Datasheet HTML 13Page - Linear Technology LT1306 Datasheet HTML 14Page - Linear Technology LT1306 Datasheet HTML 15Page - Linear Technology LT1306 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1306
0
1306 F06
AMOUNT OF
MIDBAND GAIN
NEEDED
GAIN
(dB)
1
(R3)(CZ)
1
(gm)(R3)(R2)
R1 + R2
MIDBAND GAIN =
ˆ
VO
ˆV
C
ˆ
VC
ˆV
O
ω
ωZ
ωC
CURRENT LOOP
CROSSOVER
FREQUENCY
OVERALL LOOP GAIN
AFTER COMPENSTION
AMPLITUDE RESPONSE
OF THE ERROR AMPLIFIER
AMPLITUDE RESPONSE OF
CONTROL-TO-OUTPUT
TRANSFER FUNCTION BEFORE
COMPENSATION
RL(1 – DMAX)
2
L
RHP ZERO
=
RL
2
()(CO)
ωP
FREQUENCY
≈ 1
3
ωZ
LOOP GAIN
CROSSOVER
Figure 6. Gain Asymptotes of the Control-to-Output
ˆ
ˆ
V
V
O
C
and Error Amplifier
ˆ
ˆ
V
V
C
O
Transfer Function
Figure 7. Current Mode Boost Converter Overall-Loop Compensation
APPLICATIONS INFORMATION
gm
VC
VIN
L
VO
1.24V
LT1306
1306 F07
PWM CONTROL
LOGIC
Q1
R1
FB
R2
RL
IO
R3
CZ
CP
CO
GND
Q2
RECTIFIER
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com