Electronic Components Datasheet Search
  English  ▼

X  

UPD753012GC Datasheet(PDF) 71 Page - NEC

Part # UPD753012GC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012GC Datasheet(HTML) 71 Page - NEC

Back Button UPD753012GC Datasheet HTML 67Page - NEC UPD753012GC Datasheet HTML 68Page - NEC UPD753012GC Datasheet HTML 69Page - NEC UPD753012GC Datasheet HTML 70Page - NEC UPD753012GC Datasheet HTML 71Page - NEC UPD753012GC Datasheet HTML 72Page - NEC UPD753012GC Datasheet HTML 73Page - NEC UPD753012GC Datasheet HTML 74Page - NEC UPD753012GC Datasheet HTML 75Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
71
µPD753012, 753016, 753017
(2)
µPD753012GK-XXX-BE9: 80-pin plastic TQFP (fine pitch) (12 × 12 mm)
µPD753016GK-XXX-BE9: 80-pin plastic TQFP (fine pitch) (12 × 12 mm)
µPD753017GK-XXX-BE9: 80-pin plastic TQFP (fine pitch) (12 × 12 mm)
Symbol of
Soldering Method
Soldering Conditions
Recommended
Condition
Infrared reflow
Package peak temperature: 235 ˚C, Time: 30 seconds max. (210 ˚C min.),
IR35-107-2
Number of times: 2 max., Number of days: 7Note (After that, prebaking
is necessary at 125 ˚C for 10 hours.)
<Precaution>
Products other than those packed in heat-resistant trays (such as those
packed in a magazine, taping, or non-heat-resistant tray) cannot be baked
while they are in their packaging.
VPS
Package peak temperature: 215 ˚C, Time: 40 seconds max. (200 ˚C min.),
VP15-107-2
Number of times: 2 max., Number of days: 7Note (After that, prebaking
is necessary at 125 ˚C for 10 hours.)
<Precaution>
Products other than those packed in heat-resistant trays (such as those
packed in a magazine, taping, or non-heat-resistant tray) cannot be baked
while they are in their packaging.
Pin partial heating
Pin temperature: 300 ˚C max., Time: 3 seconds max. (per side of device)
–
Note
The number of days for storage after the dry pack has been opened.
The storing conditions are
25 ˚C, 65% RH max.
Caution Do not use two or more soldering methods in combination (except partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com