Electronic Components Datasheet Search
  English  ▼

X  

UPD753012GC Datasheet(PDF) 13 Page - NEC

Part # UPD753012GC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012GC Datasheet(HTML) 13 Page - NEC

Back Button UPD753012GC Datasheet HTML 9Page - NEC UPD753012GC Datasheet HTML 10Page - NEC UPD753012GC Datasheet HTML 11Page - NEC UPD753012GC Datasheet HTML 12Page - NEC UPD753012GC Datasheet HTML 13Page - NEC UPD753012GC Datasheet HTML 14Page - NEC UPD753012GC Datasheet HTML 15Page - NEC UPD753012GC Datasheet HTML 16Page - NEC UPD753012GC Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
13
µPD753012, 753016, 753017
TYPE F-B
TYPE H-A
TYPE G-B
TYPE M-C
TYPE G-D
TYPE M-D
VDD
P.U.R.
enable
P.U.R.
P-ch
P-ch
VDD
N-ch
output
disable
(P)
data
output
disable
output
disable
(N)
IN/OUT
bit port
data
output
disable
IN/OUT
Type G-D
Type D
SEG
data
VLC0
VLC1
SEG
data
VLC0
VLC1
P-ch
N-ch
OUT
N-ch
VLC2
N-ch
COM
data
data
output
disable
P.U.R.
enable
P.U.R.
VDD
P-ch
IN/OUT
N-ch
VLC2
N-ch
P.U.R. : Pull-Up Resistor
P.U.R. : Pull-Up Resistor
P-ch
P.U.R. : Pull-Up Resistor
This pull-up resistor operates only when an input
instruction is executed if the pull-up resistor is not
connected by the mask option. (When the pin
is at low level, current flows from VDD to the pin.)
Note
P.U.R.
Note
P-ch
P-ch
N-ch
OUT
N-ch
IN/OUT
N-ch
(+13 V
withstand
voltage)
VDD
data
output
disable
VDD
P.U.R.
(Mask Option)
Input
instruction
Voltage
limitation
circuit
(+13 V withstand voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com