Electronic Components Datasheet Search
  English  ▼

X  

UPD753012GC Datasheet(PDF) 2 Page - NEC

Part # UPD753012GC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012GC Datasheet(HTML) 2 Page - NEC

  UPD753012GC Datasheet HTML 1Page - NEC UPD753012GC Datasheet HTML 2Page - NEC UPD753012GC Datasheet HTML 3Page - NEC UPD753012GC Datasheet HTML 4Page - NEC UPD753012GC Datasheet HTML 5Page - NEC UPD753012GC Datasheet HTML 6Page - NEC UPD753012GC Datasheet HTML 7Page - NEC UPD753012GC Datasheet HTML 8Page - NEC UPD753012GC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
2
µPD753012, 753016, 753017
FUNCTIONAL OUTLINE
Parameter
Function
Instruction execution time
• 0.95, 1.91, 3.81, 15.3
µs (main system clock: at 4.19 MHz operation)
• 0.67, 1.33, 2.67, 10.7
µs (main system clock: at 6.0 MHz operation)
• 122
µs (subsystem clock: at 32.768 kHz operation)
On-chip memory
ROM
12288
× 8 bits (
µPD753012)
16384
× 8 bits (
µPD753016)
24576
× 8 bits (
µPD753017)
RAM
1024
× 4 bits
General-purpose register
• 4-bit operation: 8
× 4 banks
• 8-bit operation: 4
× 4 banks
Input/
CMOS input
8
On-chip pull-up resistors can be specified by using software: 23
output
CMOS input/output
16
port
CMOS output
8
Also used for segment pins
N-ch open-drain
8
Withstands 13 V, on-chip pull-up resistors can be specified by using mask
input/output
option
Total
40
LCD controller/driver
• Segment number selection
: 24/28/32 segments (can be changed to CMOS
output port in 4 time-unit; max. 8)
• Display mode selection
: Static
1/2 duty (1/2 bias)
1/3 duty (1/2 bias)
1/3 duty (1/3 bias)
1/4 duty (1/3 bias)
On-chip split resistor for LCD drive can be specified by using mask option
Timer
5 channels
• 8-bit timer/event counter: 3 channels (can be used for 16-bit timer/event counter,
carrier generator, or timer with gate)
• Basic interval timer/watchdog timer: 1 channel
• Watch timer: 1 channel
Serial interface
• 3-wire serial I/O mode ... MSB or LSB can be selected for transferring top bit
• 2-wire serial I/O mode
• SBI mode
Bit sequential buffer
16 bits
Clock output (PCL)
•
Φ, 524, 262, 65.5 kHz (main system clock: at 4.19 MHz operation)
•
Φ, 750, 375, 93.8 kHz (main system clock: at 6.0 MHz operation)
Buzzer output (BUZ)
• 2, 4, 32 kHz
(main system clock: at 4.19 MHz operation
or subsystem clock: at 32.768 kHz operation)
• 2.93, 5.86, 46.9 kHz (main system clock: at 6.0 MHz operation)
Vectored interrupts
External: 3, Internal: 5
Test input
External: 1, Internal: 1
System clock oscillator
• Ceramic or crystal oscillator for main system clock oscillation
• Crystal oscillator for subsystem clock oscillation
Standby function
STOP/HALT mode
Power supply voltage
VDD = 2.2 to 5.5 V
Package
• 80-pin plastic QFP (14
× 14 mm)
• 80-pin plastic TQFP (fine pitch) (12
× 12 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com