Electronic Components Datasheet Search
  English  ▼

X  

UPD753012GC Datasheet(PDF) 21 Page - NEC

Part # UPD753012GC
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD753012GC Datasheet(HTML) 21 Page - NEC

Back Button UPD753012GC Datasheet HTML 17Page - NEC UPD753012GC Datasheet HTML 18Page - NEC UPD753012GC Datasheet HTML 19Page - NEC UPD753012GC Datasheet HTML 20Page - NEC UPD753012GC Datasheet HTML 21Page - NEC UPD753012GC Datasheet HTML 22Page - NEC UPD753012GC Datasheet HTML 23Page - NEC UPD753012GC Datasheet HTML 24Page - NEC UPD753012GC Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
21
µPD753012, 753016, 753017
6. PERIPHERAL HARDWARE FUNCTIONS
6.1 Digital Input/Output Ports
There are four types of I/O ports as follows.
· CMOS input (PORT0, 1)
:
8
· CMOS input/output (PORT2, 3, 6, 7)
: 16
· N-channel open-drain input/output (PORT4, 5)
:
8
· Bit port output (BP0-BP7)
:
8
Total
40
Table 6-1. Types and Features of Digital Ports
Port (Pin Name)
Function
Operation & Features
Remarks
PORT0
4-bit input
Dual function pins also function as output pins depending on
Also used for the INT4,
(P00-P03)
the operation mode when the serial interface function is used.
SCK, SO/SB0, SI/SB1 pins.
PORT1
Dedicated 4-bit I/O port
Also used for the INT0-
(P10-P13)
INT2 and TI0-TI2 pins.
PORT2
4-bit I/O
Can be set to input mode or output mode in 4-bit
Also used for the PTO0-
(P20-P23)
units.
PTO2, PCL, BUZ pins.
PORT3
Can be set to input mode or output mode in 1/4 bit
Also used for the LCDCL,
(P30-P33)
units.
SYNC pins.
PORT4
4-bit I/O
Can be set to input mode
Ports 4 and 5 are paired
On-chip pull-up resistor can
(P40-P43)
(N-channel
or output mode in 4-bit
and data can be input/
be specified bit-wise by
open-drain,
units.
output in 8-bit units.
mask option.
PORT5
13 V
(P50-P53)
withstanding)
PORT6
4-bit I/O
Can be set to input mode
Ports 6 and 7 are paired
Also used for the KR0-KR3
(P60-P63)
or output mode in 1/4-bit
and data can be input/
pins.
units.
output in 8-bit units.
PORT7
Can be set to input mode
Also used for the KR4-KR7
(P70-P73)
or output mode in 4-bit
pins.
units.
BP0-BP7
1-bit output
Outputs data bit-wise. Can be switched to LCD drive
—
segment output S24-S31 by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com