Electronic Components Datasheet Search
  English  ▼

X  

LT1512CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1512CS8
Description  SEPIC Constant-Current/ Constant-Voltage Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1512CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1512CS8 Datasheet HTML 4Page - Linear Technology LT1512CS8 Datasheet HTML 5Page - Linear Technology LT1512CS8 Datasheet HTML 6Page - Linear Technology LT1512CS8 Datasheet HTML 7Page - Linear Technology LT1512CS8 Datasheet HTML 8Page - Linear Technology LT1512CS8 Datasheet HTML 9Page - Linear Technology LT1512CS8 Datasheet HTML 10Page - Linear Technology LT1512CS8 Datasheet HTML 11Page - Linear Technology LT1512CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1512
APPLICATIONS INFORMATION
Output Capacitor
It is assumed as a worst case that all the switching output
ripple current from the battery charger could flow in the
output capacitor. This is a desirable situation if it is neces-
sary to have very low switching ripple current in the battery
itself. Ferrite beads or line chokes are often inserted in series
with the battery leads to eliminate high frequency currents
that could create EMI problems. This forces all the ripple
current into the output capacitor. Total RMS current into the
capacitor has a maximum value of about 0.5A, and this is
handled with a 22
µF,25VcapacitorshowninFigure1.Thisis
an AVX type TPS or Sprague type 593D surface mount solid
tantalum unit intended for switching applications. Do not
substitute other types without ensuring that they have
adequate ripple current ratings. See Input Capacitor section
for details of surge limitation on solid tantalum capacitors if
the battery may be “hot switched” to the output of the
charger.
Coupling Capacitor
C2 in Figure 1 is the coupling capacitor that allows a SEPIC
converter topology to work with input voltages either higher
or lower than the battery voltage. DC bias on the capacitor is
equal to input voltage. RMS ripple current in the coupling
capacitor has a maximum value of about 0.5A at full charg-
ing current. A conservative formula to calculate this is:
I
IV
V
V
COUP RMS
CHRG
IN
BAT
IN
()
()( . )
()
=
+
11
2
(1.1 is a fudge factor to account for inductor ripple current
and other losses)
With ICHRG = 0.5A, VIN = 15V and VBAT = 8.2V, ICOUP = 0.43A
The recommended capacitor is a 2.2
µF ceramic type from
Marcon or Tokin. These capacitors have extremely low ESR
and high ripple current ratings in a small package. Solid
tantalum units can be substituted if their ripple current rating
is adequate, but typical values will increase to 22
µF or more
to meet the ripple current requirements.
Diode Selection
The switching diode should be a Schottky type to minimize
both forward and reverse recovery losses. Average diode
current is the same as output charging current , so this will
be under 1A. A 1A diode is recommended for most applica-
tions, although smaller devices could be used at reduced
1
2
3
4
R5
C4
R3
R4
S/S
1512 F04b
C5
R2
C1
D1
C2
C3
R1
VBATT
+
+
+VIN
GND
L1B
L1A
R4
b. Single-Sided Altenative Layout
2 WINDING
INDUCTOR
L1A
1512 F04a
L1B
R4
R1
1
4
3
2
C4
R2
D1
VIN
GND
GND
VBATT
R3
C2A
C2B
C3
C5
C1
U1
R5
S/S
a. Double-Sided (Vias Connect to the Backside of Ground Plane.
Dash Lines Indicate Interconnects on Backside. Demo Board
Uses This Layout, Except that R5 Has Been Added to Increase
Phase Margin)
Figure 4. LT1512 Suggested Layouts for Critical Thermal and Electrical Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com