Electronic Components Datasheet Search
  English  ▼

X  

LT1512CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1512CS8
Description  SEPIC Constant-Current/ Constant-Voltage Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1512CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1512CS8 Datasheet HTML 1Page - Linear Technology LT1512CS8 Datasheet HTML 2Page - Linear Technology LT1512CS8 Datasheet HTML 3Page - Linear Technology LT1512CS8 Datasheet HTML 4Page - Linear Technology LT1512CS8 Datasheet HTML 5Page - Linear Technology LT1512CS8 Datasheet HTML 6Page - Linear Technology LT1512CS8 Datasheet HTML 7Page - Linear Technology LT1512CS8 Datasheet HTML 8Page - Linear Technology LT1512CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1512
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSAT
Output Switch ON Resistance
ISW = 2A
q
0.5
0.8
Ω
ILIM
Switch Current Limit
Duty Cycle = 50%
q
1.5
1.9
2.7
A
Duty Cycle = 80% (Note 1)
q
1.3
1.7
2.5
A
∆IIN
Supply Current Increase During Switch ON Time
15
25
mA/A
∆ISW
Control Voltage to Switch Current
2A/V
Transconductance
Minimum Input Voltage
q
2.4
2.7
V
IQ
Supply Current
2.7V
≤ VIN ≤ 25V
q
4
5.5
mA
Shutdown Supply Current
2.7V
≤ VIN ≤ 25V, VS/S ≤ 0.6V
0
°C ≤ TJ ≤ 125°C
q
12
30
µA
–40
°C ≤ TJ ≤ 0°C (LT1512I)
50
µA
Shutdown Threshold
2.7V
≤ VIN ≤ 25V
q
0.6
1.3
2
V
Shutdown Delay
q
512
25
µs
S/S Pin Input Current
0V
≤ VS/S ≤ 5V
q
–10
15
µA
Synchronization Frequency Range
q
600
800
kHz
ELECTRICAL C
C
HARA TERISTICS
VIN = 5V, VC = 0.6V, VFB = VREF, IFB = 0V, VSW and S/S pins open, unless otherwise noted.
The q denotes specifications which apply over the full operating
temperature range.
Note 1: For duty cycles (DC) between 50% and 85%, minimum
guaranteed switch current is given by ILIM = 0.667 (2.75 – DC).
Note 2: The IFB pin is servoed to its regulating state with VC = 0.8V.
Note 3: Commercial devices are guaranteed over 0
°C to 125°C junction
temperature range and 0
°C to 70°C ambient temperature range. These
parts are also designed, characterized and expected to operate over the
–20
°C to 85°C extended ambient temperature range, but are not tested at
–20
°C or 85°C. Devices with full guaranteed electrical specifications over
the ambient temperature range – 40
°C to 85°C are available as industrial
parts with an “I” suffix.
Maximum allowable ambient temperature may be limited by power
dissipation. Parts may not necessarily be operated simultaneously at
maximum power dissipation and maximum ambient temperature.
Temperature rise calculations must be done as shown in the Applications
Information section to ensure that maximum junction temperature does
not exceed 125
°C limit. With high power dissipation, maximum ambient
temperature may be less than 70
°C.
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Saturation Voltage
vs Switch Current
Minimum Input Voltage
vs Temperature
Switch Current Limit
vs Duty Cycle
SWITCH CURRENT (A)
0
0.6
0.8
1.0
1.6
1512 G01
0.4
0.2
0.5
0.7
0.9
0.3
0.1
0
0.4
0.8
1.2
2.0
1.4
0.2
0.6
1.0
1.8
100
°C
150
°C
25
°C
–55
°C
DUTY CYCLE (%)
3.0
2.5
2.0
1.5
1.0
0.5
0
20
40
60
80
1512 G02
100
10
0
30
50
70
90
25
°C AND
125
°C
–55
°C
TEMPERATURE (
°C)
–50
1.8
2.0
2.2
2.4
2.6
050
100
150
1512 G03
2.8
3.0
–25
25
75
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com