Electronic Components Datasheet Search
  English  ▼

X  

LT1512CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1512CS8
Description  SEPIC Constant-Current/ Constant-Voltage Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1512CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1512CS8 Datasheet HTML 4Page - Linear Technology LT1512CS8 Datasheet HTML 5Page - Linear Technology LT1512CS8 Datasheet HTML 6Page - Linear Technology LT1512CS8 Datasheet HTML 7Page - Linear Technology LT1512CS8 Datasheet HTML 8Page - Linear Technology LT1512CS8 Datasheet HTML 9Page - Linear Technology LT1512CS8 Datasheet HTML 10Page - Linear Technology LT1512CS8 Datasheet HTML 11Page - Linear Technology LT1512CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1512
charging current.
Maximum diode reverse voltage will be
equal to input voltage plus battery voltage.
Diode reverse leakage current will be of some concern
during charger shutdown. This leakage current is a direct
drain on the battery when the charger is not powered. High
current Schottky diodes have relatively high leakage cur-
rents (2
µA to 200µA) even at room temperature. The latest
very-low-forward devices have especially high leakage cur-
rents. It has been noted that surface mount versions of some
Schottky diodes have as much as ten times the leakage of
their through-hole counterparts. This may be because a low
forward voltage process is used to reduce power dissipation
in the surface mount package. In any case, check leakage
specifications carefully before making a final choice for the
switching diode. Be aware that diode manufacturers want to
specify a maximum leakage current that is ten times higher
than the typical leakage. It is very difficult to get them to
specify a low leakage current in high volume production.
This is an on going problem for all battery charger circuits
and most customers have to settle for a diode whose typical
leakage is adequate, but theoretically has a worst-case
condition of higher than desired battery drain.
Thermal Considerations
Care should be taken to ensure that worst-case conditions
do not cause excessive die temperatures. Typical thermal
resistance is 130
°C/W for the S8 package but this number
will vary depending on the mounting technique (copper
area, air flow, etc).
Average supply current (including driver current) is:
ImA
VI
V
IN
BAT
CHRG
IN
=+
4
0 024
()(
)( .
)
Switch power dissipation is given by:
P
IR
V
V
V
V
SW
CHRG
SW
BAT
IN
BAT
IN
=
+
() (
)(
)(
)
()
2
2
RSW = output switch ON resistance
Total power dissipation of the die is equal to supply current
times supply voltage, plus switch power:
PD(TOTAL) = (IIN)(VIN) + PSW
APPLICATIONS INFORMATION
For VIN = 10V, VBAT = 8.2V, ICHRG = 0.5A, RSW = 0.65Ω
IIN = 4mA + 10mA = 14mA
PSW = 0.24W
PD = (0.014)(10) + 0.24 = 0.38W
The S8 package has a thermal resistance of 130
°C/W.
(Contact factory concerning 16-lead fused-lead package
with footprint approximately same as S8 package and with
lower thermal resistance.) Die temperature rise will be
(0.38W)(130
°C/W) = 49°C. A maximum ambient tempera-
ture of 60
°C will give a die temperature of 60°C + 49°C =
109
°C. This is only slightly less than the maximum junction
temperature of 125
°C, illustrating the importance of doing
these calculations!
Programmed Charging Current
LT1512 charging current can be programmed with a PWM
signal from a processor as shown in Figure 5. C6 and D2
form a peak detector that converts a positive logic signal to a
negative signal. The average negative signal at the input to
R5 is equal to the processor VCC level multiplied by the
inverse PWM ratio. This assumes that the PWM signal is a
CMOS output that swings rail-to-rail with a source resis-
tance less than a few hundred ohms. The negative voltage is
converted to a current by R5 and R6 and filtered by C7. This
current multiplied by R4 generates a voltage that subtracts
from the 100mV sense voltage of the LT1512. This is not a
high precision technique because of the errors in VCC and
the diode voltage, but it can typically be used to adjust
charging current over a 20% to 100% range with good
repeatability (full charging current accuracy is not affected).
To reduce the load on the logic signal, R4 has been increased
C6
1
µF
C7
10
µF
C4
0.22
µF
R3
1512 F05
L1B
IFB
LT1512
R5
4.02k
PWM
INPUT
≥1kHz
D2
R6
4.02k
R4
200
Ω
+
Figure 5. Programming Charge Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com