Electronic Components Datasheet Search
  English  ▼

X  

LT1512CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1512CS8
Description  SEPIC Constant-Current/ Constant-Voltage Battery Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1512CS8 Datasheet(HTML) 1 Page - Linear Technology

  LT1512CS8 Datasheet HTML 1Page - Linear Technology LT1512CS8 Datasheet HTML 2Page - Linear Technology LT1512CS8 Datasheet HTML 3Page - Linear Technology LT1512CS8 Datasheet HTML 4Page - Linear Technology LT1512CS8 Datasheet HTML 5Page - Linear Technology LT1512CS8 Datasheet HTML 6Page - Linear Technology LT1512CS8 Datasheet HTML 7Page - Linear Technology LT1512CS8 Datasheet HTML 8Page - Linear Technology LT1512CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1512
SEPIC Constant-Current/
Constant-Voltage
Battery Charger
The LT
®1512 is a 500kHz current mode switching regula-
tor specially configured to create a constant-current/
constant-voltage battery charger. In addition to the usual
voltage feedback node, it has a current sense feedback
circuit for accurately controlling output current of a flyback
or SEPIC (Single-Ended Primary Inductance Converter)
topology charger. These topologies allow the current
sense circuit to be ground referred and completely sepa-
rated from the battery itself, simplifying battery switching
and system grounding problems. In addition, these to-
pologies allow charging even when the input voltage is
lower than the battery voltage.
Maximum switch current on the LT1512 is 1.5A. This
allows battery charging currents up to 1A for a single
lithium-ion cell. Accuracy of 1% in constant-voltage mode
is perfect for lithium battery applications. Charging cur-
rent can be easily programmed for all battery types.
DESCRIPTION
APPLICATIONS
s
Battery Charging of NiCd, NiMH, Lead-Acid
or Lithium Rechargeable Cells
s
Precision Current Limited Power Supply
s
Constant-Voltage/Constant-Current Supply
s
Transducer Excitation
*Maximum Input Voltage = 40V – VBAT
s
Charger Input Voltage May Be Higher, Equal to or
Lower Than Battery Voltage
s
Charges Any Number of Cells Up to 30V*
s
1% Voltage Accuracy for Rechargeable Lithium
Batteries
s
100mV Current Sense Voltage for High Efficiency
s
Battery Can Be Directly Grounded
s
500kHz Switching Frequency Minimizes
Inductor Size
s
Charging Current Easily Programmable or Shut Down
FEATURES
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
Figure 1. SEPIC Charger with 0.5A Output Current
Maximum Charging Current
ACTUAL PROGRAMMED CHARGING CURRENT WILL BE INDEPENDENT OF
INPUT VOLTAGE AND BATTERY VOLTAGE IF IT DOES NOT EXCEED THE
VALUES SHOWN. THESE ARE ELECTRICAL LIMITATIONS BASED ON MAXIMUM
SWITCH CURRENT. PACKAGE THERMAL LIMITATIONS MAY REDUCE
MAXIMUM CHARGING CURRENT. SEE APPLICATIONS INFORMATION.
INPUT VOLTAGE (V)
0
0.6
0.8
1.0
20
1512 TA02
0.4
0.2
0
5
10
15
25
INDUCTOR = 33
µH
DOUBLE
LITHIUM
CELL (8.2V)
6V BATTERY
12V BATTERY
SINGLE
LITHIUM
CELL (4.1V)
LT1512
IFB
VC
VIN
L1 A*
L1 B*
0.5A
•
GND GND S
FB
1512 F01
VSW
SYNC
AND/OR
SHUTDOWN
WALL
ADAPTER
INPUT
S/S
C3
22
µF
25V
C2**
2.2
µF
C5
0.1
µF
*
**
L1 A, L1 B ARE TWO 33
µH WINDINGS ON A
SINGLE INDUCTOR: COILTRONICS CTX33-3
TOKIN CERAMIC 1E225ZY5U-C203-F
C4
0.22
µF
R4
24
Ω
+
CHARGE
SHUTDOWN
•
R1
R2
R3
0.2
Ω
R5
1k
C1
22
µF
25V
+
D1
MBRS130LT3


Similar Part No. - LT1512CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
SEPIC Constant-Current/ Constant-Voltage Battery Charger
More results

Similar Description - LT1512CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1513 LINER-LT1513 Datasheet
299Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Dimensions Semic...
LT1513-2CT7 LINEAR_DIMENSIONS-LT1513-2CT7 Datasheet
220Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Integrated Syste...
LT1513-2CR LINEAR-LT1513-2CR Datasheet
197Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1513 LINER-LT1513_15 Datasheet
220Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
LT1513-2 LINER-LT1513-2_15 Datasheet
220Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
SEPIC Constant-Current/ Constant-Voltage Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com