Electronic Components Datasheet Search
  English  ▼

X  

LTC1091AC Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1091AC
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1091AC Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1091AC Datasheet HTML 5Page - Linear Technology LTC1091AC Datasheet HTML 6Page - Linear Technology LTC1091AC Datasheet HTML 7Page - Linear Technology LTC1091AC Datasheet HTML 8Page - Linear Technology LTC1091AC Datasheet HTML 9Page - Linear Technology LTC1091AC Datasheet HTML 10Page - Linear Technology LTC1091AC Datasheet HTML 11Page - Linear Technology LTC1091AC Datasheet HTML 12Page - Linear Technology LTC1091AC Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
LTC1091/LTC1092
LTC1093/LTC1094
INPUT
SHIFT
REGISTER
SAMPLE-
AND-HOLD
10-BIT
CAPACITIVE
DAC
AVCC
ANALOG
INPUT MUX
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DOUT
CLK
CONTROL
AND
TIMING
CS
1091/2/3/4 BD
REF+
DGND
AGND
V–
REF–
COMP
OUTPUT
SHIFT
REGISTER
DIN
10-BIT
SAR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DVCC
19
17
16
18
15
20
(Pin numbers refer to LTC1094)
BLOCK DIAGRA
VREF (Pin 11)(LTC1093): Reference Input. The reference
input must be kept free of noise with respect to AGND.
REF +, REF – (Pins 13, 14 )(LTC1094): Reference Input.
The reference input must be kept free of noise with respect
to AGND.
DIN (Pin 12/Pin 15): Data Input. The A/D configuration
word is shifted into this input.
DOUT (Pin 13/Pin 16): Digital Data Output. The A/D con-
version result is shifted out of this output.
CS (Pin 14/Pin 17): Chip Select Input. A logic low on this
input enables the LTC1093/LTC1094.
PI FU CTIO S
CLK (Pin 15/Pin 18): Shift Clock. This clock synchronizes
the serial data transfer.
VCC (Pin 16)(LTC1093): Positive Supply. This supply
must be kept free of noise and ripple by bypassing directly
to the analog ground plane.
AVCC, DVCC (Pins 19, 20)(LTC1094): Positive Supply.
This supply must be kept free of noise and ripple by
bypassing directly to the analog ground plane. AVCC and
DVCC should be tied together on the LTC1094.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com