Electronic Components Datasheet Search
  English  ▼

X  

LTC1091AC Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1091AC
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1091AC Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1091AC Datasheet HTML 2Page - Linear Technology LTC1091AC Datasheet HTML 3Page - Linear Technology LTC1091AC Datasheet HTML 4Page - Linear Technology LTC1091AC Datasheet HTML 5Page - Linear Technology LTC1091AC Datasheet HTML 6Page - Linear Technology LTC1091AC Datasheet HTML 7Page - Linear Technology LTC1091AC Datasheet HTML 8Page - Linear Technology LTC1091AC Datasheet HTML 9Page - Linear Technology LTC1091AC Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
LTC1091/LTC1092
LTC1093/LTC1094
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LTC1091/LTC1092/LTC1093/LTC1094
Maximum Clock Rate vs
Source Resistance
LTC1091/LTC1092/LTC1093/LTC1094
Maximum Filter Resistor vs
Cycle Time
LTC1091/LTC1092/LTC1093/LTC1094
Sample-and-Hold Acquisition Time
vs Source Resistance
RSOURCE (Ω)
10
1.25
1.00
0.75
0.50
0.25
0
100
1k
10k
1091/2/3/4 G10
VCC = 5V
TA = 25°C
“+” OR “–”
INPUT
VIN
RSOURCE
CYCLE TIME (
µs)
100
1k
10k
100k
10
1000
10000
1091/2/3/4 G11
10
100
+
–
VIN
CFILTER ≥1µF
RFILTER
RSOURCE+ (Ω)
100
1k
10k
1091/2/3/4 G12
0.1
1
10
+
–
VIN
RSOURCE+
VCC = 5V
TA = 25°C
0V TO 5V INPUT STEP
LTC1091 Change in Full-Scale
Error vs Supply Voltage
AMBIENT TEMPERATURE (
°C)
–50
100
80
60
40
20
0
50
1091/2/3/4 G13
–25
0
25
75
125
100
ON-CHANNEL OR
OFF-CHANNEL
SUPPLY VOLTAGE (V)
4
1.25
1.00
0.75
0.5
0.25
0
5
67
8
1091/2/3/4 G14
910
fCLK = 500kHz
TA = 25°C
VOS = 0.85mV AT VCC (VREF) = 5V
SUPPLY VOLTAGE (V)
4
1.25
1.00
0.75
0.5
0.25
0
5
67
8
1091/2/3/4 G15
910
fCLK = 500kHz
TA = 25°C
LTC1091/LTC1092 Input Channel
Leakage Current vs Temperature
LTC1091 Offset Error vs
Supply Voltage
LTC1091 Linearity Error vs
Supply Voltage
SUPPLY VOLTAGE (V)
4
0.50
0.25
0
–0.25
–0.50
–0.75
5
67
8
1091/2/3/4 G16
910
fCLK = 500kHz
TA = 25°C
AMBIENT TEMPERATURE (
°C)
–50
1.8
1.6
1.4
1.2
1.0
0.8
0.6
50
1091/2/3/4 G18
–25
0
25
75
125
100
fCLK = 500kHz
VCC (VREF) = 5V
CS = 5V
LTC1091 Supply Current vs
Temperature
† AS THE CLK FREQUENCY AND SOURCE RESISTANCE ARE INCREASED, MAXIMUM CLK
FREQUENCY (
∆ERROR ≤ 0.1LSB) REPRESENTS THE FREQUENCY AT WHICH A 0.1LSB
SHIFT IN ANY CODE TRANSITION FROM ITS 500kHz, 0
Ω VALUE IS FIRST DETECTED.
†† MAXIMUM RFILTER REPRESENTS THE FILTER RESISTOR VALUE AT WHICH A 0.1LSB
CHANGE IN FULL-SCALE ERROR FROM ITS VALUE AT RFILTER = 0 IS FIRST DETECTED.
SUPPLY VOLTAGE (V)
7
6
5
4
3
2
1
0
1092/2/3/4 G17
4
5
67
8
9
10
fCLK = 500kHz
CS = VCC (VREF)
TA = 25°C
LTC1091 Supply Current vs
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com