Electronic Components Datasheet Search
  English  ▼

X  

LTC1091AC Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1091AC
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1091AC Datasheet(HTML) 3 Page - Linear Technology

  LTC1091AC Datasheet HTML 1Page - Linear Technology LTC1091AC Datasheet HTML 2Page - Linear Technology LTC1091AC Datasheet HTML 3Page - Linear Technology LTC1091AC Datasheet HTML 4Page - Linear Technology LTC1091AC Datasheet HTML 5Page - Linear Technology LTC1091AC Datasheet HTML 6Page - Linear Technology LTC1091AC Datasheet HTML 7Page - Linear Technology LTC1091AC Datasheet HTML 8Page - Linear Technology LTC1091AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LTC1091/LTC1092
LTC1093/LTC1094
CONVERTER AND MULTIPLEXER CHARACTERISTICS
LTC1091A/LTC1092A
LTC1091/LTC1092
LTC1093A/LTC1094A
LTC1093/LTC1094
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Offset Error
(Note 4)
q
±0.5
±0.5
LSB
Linearity Error
(Notes 4, 5)
q
±0.5
±0.5
LSB
Full-Scale Error
(Note 4)
q
±1.0
±2.0
LSB
Total Unadjusted Error
VREF = 5.000V (Notes 4, 6)
q
±1.0
LSB
Reference Input Resistance
LTC1092/LTC1093/LTC1094
q
510
5
10
k
Ω
VREF = 5V
Analog and REF Input Range
(Note 7)
(V –) – 0.05V to VCC + 0.05V
V
On-Channel Leakage Current
On-Channel = 5V
q
11
µA
(Note 8)
Off-Channel = 0V
On-Channel = 0V
q
–1
–1
µA
Off-Channel = 5V
Off-Channel Leakage Current
On-Channel = 5V
q
–1
–1
µA
(Note 8)
Off-Channel = 0V
On-Channel = 0V
q
11
µA
Off-Channel = 5V
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 3)
RECO
E DED OPERATI G CO DITIO S
LTC1091A/LTC1092A/LTC1093A/LTC1094A
LTC1091/LTC1092/LTC1093/LTC1094
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VCC
Supply Voltage
4.5
10
V
V–
Negative Supply Voltage
LTC1093/LTC1094, VCC = 5V
– 5.5
0
V
fCLK
Clock Frequency
VCC = 5V
0.01
0.5
MHz
tCYC
Total Cycle Time
LTC1091
15 CLK Cycles
+ 2
µs
LTC1092
12 CLK Cycles
+ 2
µs
LTC1093/LTC1094
18 CLK Cycles
+ 2
µs
thDI
Hold Time, DIN Alter SCLK
↑
VCC = 5V
150
ns
tsuCS
Setup Time CS
↓ Before CLK↑
VCC = 5V
1
µs
tsuDI
Setup Time DIN Stable Before CLK
↑
VCC = 5V
400
ns
tWHCLK
CLK High Time
VCC = 5V
0.8
µs
tWLCLK
CLK Low Time
VCC = 5V
1
µs
tWHCS
CS High Time Between Data Transfer Cycles VCC = 5V
2
µs
tWLCS
CS Low Time During Data Transfer
LTC1091
15
CLK Cycles
LTC1092
12
CLK Cycles
LTC1093/LTC1094
18
CLK Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com