Electronic Components Datasheet Search
  English  ▼

X  

LTC1091AC Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1091AC
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1091AC Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1091AC Datasheet HTML 15Page - Linear Technology LTC1091AC Datasheet HTML 16Page - Linear Technology LTC1091AC Datasheet HTML 17Page - Linear Technology LTC1091AC Datasheet HTML 18Page - Linear Technology LTC1091AC Datasheet HTML 19Page - Linear Technology LTC1091AC Datasheet HTML 20Page - Linear Technology LTC1091AC Datasheet HTML 21Page - Linear Technology LTC1091AC Datasheet HTML 22Page - Linear Technology LTC1091AC Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
LTC1091/LTC1092
LTC1093/LTC1094
S
APPLICATI
I FOR ATIO
Interfacing to the Parallel Port of the
Intel 8051 Family
The Intel 8051 has been chosen to demonstrate the
interface between the LTC1091 and parallel port micro-
processors. Normally, the CS, SCLK and DIN signals
would be generated on three port lines and the DOUT signal
read on a 4th port line. This works very well. However, we
will demonstrate here an interface with the DIN and DOUT
of the LTC1091 tied together as described in section 4.
This saves one wire.
The 8051 first sends the start bit and MUX address to the
LTC1091 over the data line connected to P1.2. Then P1.2
is reconfigured as an input (by writing to it a one) and the
8051 reads back the 10-bit A/D result over the same data
line.
1091-4 AI17
LTC1091
CS
CLK
DOUT
DIN
ANALOG
INPUTS
P1.4
P1.3
P1.2
8051
MUX ADDRESS
A/D RESULT
B9
B8
B7
B6
B5
B4
B3
B2
DOUT from LTC1091 Stored in 8051 RAM
MSB
R2
B1
B0
0
0
0
0
0
0
LSB
R3
LABEL
MNEMONIC
OPERAND
COMMENTS
MOV
A, #FFH
DIN Word for LTC1091
SETB
P1.4
Make Sure CS Is High
CLR
P1.4
CS Goes Low
MOV
R4, #04
Load Counter
LOOP 1 RLC
A
Rotate DIN Bit into Carry
CLR
P1.3
SCLK Goes Low
MOV
P1.2, C
Output DIN Bit to LTC1091
SETB
P1.3
SCLK Goes High
DJNZ
R4, LOOP 1
Next Bit
MOV
P1, #04
Bit 2 Becomes an Input
CLR
P1.3
SCLK Goes Low
MOV
R4, #09
Load Counter
LOOP
MOV
C, P1.2
Read Data Bit into Carry
RLC
A
Rotate Data Bit into Acc
SETB
P1.3
SCLK Goes High
CLR
P1.3
SCLK Goes Low
DJNZ
R4, LOOP
Next Bit
MOV
R2, A
Store MSBs in R2
MOV
C, P1.2
Read Data Bit into Carry
SETB
P1.3
SCLK Goes High
CLR
P1.3
SCLK Goes Low
CLR
A
Clear Acc
RLC
A
Rotate Data Bit from Carry to Acc
MOV
C, P1.2
Read Data Bit into Carry
RRC
A
Rotate Right into Acc
RRC
A
Rotate Right into Acc
MOV
R3, A
Store LSBs in R3
SETB
P1.4
CS Goes High
1091/2/3/4 AI18
CLK
START
MSBF
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
8051 P1.2 RECONFIGURED AS AN
INPUT AFTER THE 4TH RISING CLK
AND BEFORE THE 4TH FALLING CLK
8051 P1.2 OUTPUTS
DATA TO LTC1091
LTC1091 TAKES CONTROL OF DATA LINE
ON 4TH FALLING CLK
SGL/
DIFF
ODD/
SIGN
CS
DATA (DIN/DOUT)
12
MSBF BIT
LATCHED
INTO LTC1091
3
4
LTC1091 SENDS A/D RESULT
BACK TO 8051 P1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com