Electronic Components Datasheet Search
  English  ▼

X  

LTC1091AC Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1091AC
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1091AC Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1091AC Datasheet HTML 11Page - Linear Technology LTC1091AC Datasheet HTML 12Page - Linear Technology LTC1091AC Datasheet HTML 13Page - Linear Technology LTC1091AC Datasheet HTML 14Page - Linear Technology LTC1091AC Datasheet HTML 15Page - Linear Technology LTC1091AC Datasheet HTML 16Page - Linear Technology LTC1091AC Datasheet HTML 17Page - Linear Technology LTC1091AC Datasheet HTML 18Page - Linear Technology LTC1091AC Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
15
LTC1091/LTC1092
LTC1093/LTC1094
S
APPLICATI
I FOR ATIO
Unipolar Transfer Curve (UNI = 1)
MSB-First/LSB-First (MSBF)
The output data of the LTC1091/LTC1093/LTC1094 is
programmed for MSB-first or LSB-first sequence using
the MSBF bit. When the MSBF bit is a logical one, data will
appear on the DOUT line in MSB-first format. Logical zeros
will be filled in indefinitely following the last data bit to
accommodate longer word lengths required by some
microprocessors. When the MSBF bit is a logical zero,
LSB-first data will follow the normal MSB-first data on the
DOUT line. (See operating sequence).
Unipolar/Bipolar (UNI)
The UNI bit of the LTC1093/LTC1094 determines whether
the conversion will be unipolar or bipolar. When UNI is a
logical one, a unipolar conversion will be performed on the
selected input voltage. When UNI is a logical zero, a bipolar
conversion will result. The input span and code assign-
ment for each conversion type are shown in the figures
below.
The LTC1091/LTC1092 are permanently configured for
unipolar mode.
0V
1LSB
VREF – 2LSB
VREF – 1LSB
VREF
VIN
0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 0
1091-4 AI11
1LSB
VREF – 2LSB
VREF – 1LSB
VREF
VIN
1 1 1 1 1 1 1 1 1 1
0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0
0 1 1 1 1 1 1 1 1 0
0 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 0
1 0 0 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0 0 0
–1LSB
–2LSB
–VREF
–VREF + 1LSB
1091-4 AI12
OUTPUT CODE
1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 0
•
•
•
0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
•
•
•
1LSB
0V
INPUT VOLTAGE
(VREF = 5V)
4.9951V
4.9902V
•
•
•
0.0049V
0V
1091-4AI13
Bipolar Transfer Curve (UNI = 0) LTC1093/LTC1094 Only
Unipolar Output Code (UNI = 1)
OUTPUT CODE
0 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 0
•
•
•
0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 0
•
•
•
1 0 0 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
•
•
•
1LSB
0V
–1LSB
–2LSB
•
•
•
–(VREF) + 1LSB
–(VREF)
INPUT VOLTAGE
(VREF = 5V)
4.9902V
4.9805V
•
•
•
0.0098V
0V
–0.0098V
–0.0195V
•
•
•
–4.9902V
–5.000V
1091-4AI14
Bipolar Output Code (UNI = 0) LTC1093/LTC1094 Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com