Electronic Components Datasheet Search
  English  ▼

X  

LTC1149 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1149
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1149 Datasheet HTML 12Page - Linear Technology LTC1149 Datasheet HTML 13Page - Linear Technology LTC1149 Datasheet HTML 14Page - Linear Technology LTC1149 Datasheet HTML 15Page - Linear Technology LTC1149 Datasheet HTML 16Page - Linear Technology LTC1149 Datasheet HTML 17Page - Linear Technology LTC1149 Datasheet HTML 18Page - Linear Technology LTC1149 Datasheet HTML 19Page - Linear Technology LTC1149 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LTC1149
LTC1149-3.3/LTC1149-5
TYPICAL APPLICATIO S
Figure 10. High Efficiency 8V to 20V Input 3.3V/1A Output Regulator
PGATE
VIN
VCC
P-DRIVE
VCC
CT
ITH
SENSE–
CAP
SHDN2
R-GND
NGATE
PGND
SGND
SHDN1
SENSE+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1149-3.3
0.068
µF
0.047
µF
1N4148
1N4148
3300pF
1k
390pF
1
µF
1000pF
IRFR024
1N5818
100
µF
35V
VIN
8V TO 20V
L*
68
µH
RSENSE**
0.1
Ω
220
µF
6.3V
AVX
1149 F10
VOUT
3.3V/1A
*COILTRONICS CTX02-11932
**DALE WSC-1/2-0.1
IRFR9024
0V = NORMAL
>2V = SHUTDOWN
+
+
+
Figure 11. High Efficiency 8V to 20V Input 3.3V/3A Output Regulator
PGATE
VIN
VCC
PDRIVE
VCC
CT
ITH
SENSE–
CAP
SHDN2
RGND
NGATE
PGND
SGND
SHDN1
SENSE+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1149-3.3
0.068
µF
0.047
µF
1N4148
1N4148
3300pF
1k
470pF
3.3
µF
1000pF
IRFZ34
1N5818
220
µF
35V
VIN
8V TO 20V
L*
33
µH
RSENSE**
0.033
Ω
220
µF
6.3V
× 2
AVX
1149 F11
VOUT
3.3V/3A
*COILTRONICS CTX33-4-KM
**KRL SL-1-C1-0R033J
IRF9Z34
SHUTDOWN
100
Ω
100
Ω
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com