Electronic Components Datasheet Search
  English  ▼

X  

LTC1149 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1149
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149 Datasheet(HTML) 4 Page - Linear Technology

  LTC1149 Datasheet HTML 1Page - Linear Technology LTC1149 Datasheet HTML 2Page - Linear Technology LTC1149 Datasheet HTML 3Page - Linear Technology LTC1149 Datasheet HTML 4Page - Linear Technology LTC1149 Datasheet HTML 5Page - Linear Technology LTC1149 Datasheet HTML 6Page - Linear Technology LTC1149 Datasheet HTML 7Page - Linear Technology LTC1149 Datasheet HTML 8Page - Linear Technology LTC1149 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1149
LTC1149-3.3/LTC1149-5
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Load Regulation
Efficiency vs Input Voltage
Line Regulation
Operating Frequency
vs (VIN – VOUT)
Gate Charge Supply Current
Current Sense Threshold Voltage
DC Supply Current
Supply Current in Shutdown
Off-Time vs VOUT
LOAD CURRENT (A)
0
–100
–80
–60
–40
–20
0
20
0.5
1.0
1.5
2.0
1149 G03
2.5
FIGURE 1 CIRCUIT
VIN = 24V
OPERATING FREQUENCY (kHz)
50
0
5
10
15
20
25
30
100
150
200
250
1149 G07
QP + QN = 100nC
QP + QN = 50nC
OUTPUT VOLTAGE (V)
1
40
50
60
5
1149 G08
30
20
0
2
34
10
80
70
0
LTC1149-5
LTC1149-3.3
TEMPERATURE (
°C)
20
80
100
120
100
1149 G09
60
40
0
40
60
80
20
160
140
0
MAXIMUM
THRESHOLD
MINIMUM
THRESHOLD
(VIN – VOUT) VOLTAGE (V)
0
1.0
1.5
20
1149 G06
0.5
0
5
10
15
25
2.0
VOUT = 5V
T = 70
°C
T = 0
°C
T = 25
°C
INPUT VOLTAGE (V)
0
200
300
40
1149 G05
100
0
10
20
30
50
400
VSD2 = 2V
INPUT VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
10
20
30
40
1149 G04
50
ACTIVE MODE
SLEEP MODE
INPUT VOLTAGE (V)
0
–60
–40
–20
0
20
40
60
10
20
30
40
1149 G02
50
FIGURE 1 CIRCUIT
ILOAD = 1A
INPUT VOLTAGE (V)
0
90
95
40
1149 G01
85
80
10
20
30
50
100
FIGURE 1 CIRCUIT
ILOAD = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com