Electronic Components Datasheet Search
  English  ▼

X  

LTC1149 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1149
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149 Datasheet(HTML) 5 Page - Linear Technology

  LTC1149 Datasheet HTML 1Page - Linear Technology LTC1149 Datasheet HTML 2Page - Linear Technology LTC1149 Datasheet HTML 3Page - Linear Technology LTC1149 Datasheet HTML 4Page - Linear Technology LTC1149 Datasheet HTML 5Page - Linear Technology LTC1149 Datasheet HTML 6Page - Linear Technology LTC1149 Datasheet HTML 7Page - Linear Technology LTC1149 Datasheet HTML 8Page - Linear Technology LTC1149 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1149
LTC1149-3.3/LTC1149-5
PI FU CTIO S
PGATE (Pin 1): Level-Shifted Gate Drive Signal for Top
P-Channel MOSFET. The voltage swing at Pin 1 is from VIN
to VIN – VCC.
VIN (Pin 2): Main Supply Input Pin.
VCC (Pin 3): Output Pin of Low Dropout 10V Regulator. Pin
3 is not protected against DC short circuits.
PDRIVE (Pin 4): High Current Gate Drive for Top
P-Channel MOSFET. The voltage swing at Pin 4 is from VCC
to ground.
VCC (Pin 5): Regulated 10V Input for Driver and Control
Supplies. Must be closely decoupled to power ground.
CT (Pin 6): External capacitor CT from Pin 6 to ground sets
the operating frequency. (The frequency is also dependent
on the ratio VOUT/VIN.)
ITH (Pin 7): Gain Amplifier Decoupling Point. The current
comparator threshold increases with the Pin 7 voltage.
SENSE– (Pin 8): Connects to internal resistive divider
which sets the output voltage in LTC1149-3.3 and
LTC1149-5 versions. Pin 8 is also the (–) input for the
current comparator.
SENSE+ (Pin 9): The (+) Input for the Current Comparator.
A built-in offset between Pins 8 and 9 in conjunction with
RSENSE sets the current trip threshold.
SHDN1/VFB (Pin 10): In fixed output voltage versions, Pin
10 serves as a shutdown pin for the control circuitry only
(VCC is not affected). Taking Pin 10 of the LTC1149-3.3 or
LTC1149-5 high holds both MOSFETs off. Must be at
ground potential for normal operation.
For the LTC1149 adjustable version, Pin 10 serves as the
feedback pin from an external resistive divider used to set
the output voltage.
SGND (Pin 11): Small-Signal Ground. Must be routed
separately from other grounds to the (–) terminal of COUT.
PGND (Pin 12): Driver Power Ground. Connects to source
of N-channel MOSFET and the (–) terminal of CIN.
NGATE (Pin 13): High Current Drive for Bottom
N-channel MOSFET. The voltage swing at Pin 13 is from
ground to VCC.
RGND (Pin 14): Low Dropout Regulator Ground. Con-
nects to power ground.
SHDN2 (Pin 15): Master Shutdown Pin. Taking Pin 15
high shuts down VCC and all control circuitry; requires a
logic signal with tr, tf < 1µs.
CAP (Pin 16): Charge Compensation Pin. A capacitor from
Pin 16 to VCC provides the charge required by the P-drive
level-shift capacitor during supply transitions.
The Pin 16
capacitor must be larger than the Pin 4 capacitor.
OPERATIO
(Refer to Functional Diagram)
The LTC1149 series uses a current mode, constant off-
time architecture to synchronously switch an external pair
of complementary power MOSFETs. Operating frequency
is set by an external capacitor at the timing capacitor,
Pin 6.
The output voltage is sensed either by an internal voltage
divider connected to SENSE–, Pin 8 (LTC1149-3.3 and
LTC1149-5) or an external divider returned to VFB Pin 10
(LTC1149). A voltage comparator V, and a gain block G,
compare the divided output voltage with a reference
voltage of 1.25V. To optimize efficiency, the LTC1149
series automatically switches between two modes of
operation, burst and continuous. The voltage comparator
is the primary control element for Burst Mode operation,
while the gain block controls the output voltage in continu-
ous mode.
A low dropout 10V regulator provides the operating volt-
age VCC for the MOSFET drivers and control circuitry. The
driver outputs at Pins 4 and 13 are referenced to ground,
which fulfills the N-channel MOSFET gate drive require-
ment. The P-channel gate drive at Pin 1 must be refer-
enced to the main supply input VIN, which is accomplished
by level-shifting the Pin 4 signal via an internal 500k
resistor and external capacitor.
During the switch “ON” cycle in continuous mode, current
comparator C monitors the voltage between Pins 8 and 9
connected across an external shunt in series with the
inductor. When the voltage across the shunt reaches its
threshold value, the PGATE output is switched to VIN,
turning off the P-channel MOSFET. The timing capacitor
connected to Pin 6 is now allowed to discharge at a rate
determined by the off-time controller. The discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com