Electronic Components Datasheet Search
  English  ▼

X  

LTC1149 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1149
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149 Datasheet(HTML) 3 Page - Linear Technology

  LTC1149 Datasheet HTML 1Page - Linear Technology LTC1149 Datasheet HTML 2Page - Linear Technology LTC1149 Datasheet HTML 3Page - Linear Technology LTC1149 Datasheet HTML 4Page - Linear Technology LTC1149 Datasheet HTML 5Page - Linear Technology LTC1149 Datasheet HTML 6Page - Linear Technology LTC1149 Datasheet HTML 7Page - Linear Technology LTC1149 Datasheet HTML 8Page - Linear Technology LTC1149 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1149
LTC1149-3.3/LTC1149-5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V9 – V8
Current Sense Threshold Voltage
LTC1149
V8 = 5V, V10 = 1.32V (Forced)
25
mV
V8 = VOUT – 100mV
q
130
150
170
mV
LTC1149-3.3
V8 = 3.5V (Forced)
25
mV
V8 = VOUT – 100mV
q
130
150
170
mV
LTC1149-5
V8 = 5.3V (Forced)
25
mV
V8 = VOUT – 100mV
q
130
150
170
mV
V10
Shutdown 1 Threshold
LTC1149-3.3, LTC1149-5
0.5
0.8
2
V
V15
Shutdown 2 Threshold
0.8
1.4
2
V
I15
Shutdown 2 Input Current
V15 = 5V
18
25
µA
I6
CT Pin Discharge Current
VOUT In Regulation, VSENSE– = VOUT
50
70
90
µA
VOUT = 0V
2
10
µA
tOFF
Off-Time (Note 4)
CT = 390pF, ILOAD = 700mA
4
5
6
µs
tr, tf
Driver Output Transition Times
CL = 3000pF (Pins 4, 13), VIN = 6V
100
200
ns
ELECTRICAL C
C
HARA TERISTICS T
A = 25°C, VIN = 12V, V10 = 0V (Note 2), unless otherwise noted.
–40
°C ≤ TA ≤ 85°C (Note 5), unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V10
Feedback Voltage LTC1149 Only
1.2
1.25
1.3
V
VOUT
Regulated Output Voltage
VIN = 9V
LTC1149-3.3
ILOAD = 700mA
3.17
3.33
3.43
V
LTC1149-5
ILOAD = 700mA
4.85
5.05
5.2
V
I2
Input DC Supply Current (Note 3)
Normal Mode
VIN = 12V
2.0
3.2
mA
VIN = 48V
2.2
3.5
mA
Burst Mode
VIN = 12V
0.6
1.05
mA
VIN = 48V
0.8
1.30
mA
Shutdown
VIN = 12V, V15 = 2V
135
230
µA
VIN = 48V, V15 = 2V
300
520
µA
VCC
Internal Regulator Voltage
VIN = 12V to 48V
9.75
10.25
11
V
(Sets MOSFET Gate Drive Levels)
I3 = 20mA
V9 – V8
Current Sense Threshold Voltage
Low Threshold (Forced)
25
mV
High Threshold (Forced)
125
150
175
mV
V15
Shutdown 2 Threshold
0.8
1.4
2
V
tOFF
Off-Time (Note 4)
CT = 390pF, ILOAD = 700mA, VIN = 10V
3.8
5
6
µs
The q denotes specifications which apply over the full operating
temperature range.
Note 1: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1149CN, LTC1149CN-3.3, LTC1149CN-5: TJ = TA + (PD )(70°C/W)
LTC1149CS, LTC1149CS-3.3, LTC1149CS-5: TJ = TA + (PD)(110°C/W)
Note 2: Pin 10 is a shutdown pin on the LTC1149-3.3 and LTC1149-5
fixed output voltage versions and must be at ground potential for testing.
Note 3: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. The allowable operating frequency
may be limited by power dissipation at high input voltages. See Typical
Performance Characteristics and Applications Information.
Note 4: In applications where RSENSE is placed at ground potential, the off-
time increases approximately 40%.
Note 5: The LTC1149, LTC1149-3.3, and LTC1149-5 are not tested and
not quality assurance sampled at – 40
°C and 85°C. These specifications
are guaranteed by design and/or correlation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com