Electronic Components Datasheet Search
  English  ▼

X  

LTC1149 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1149
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1149 Datasheet HTML 2Page - Linear Technology LTC1149 Datasheet HTML 3Page - Linear Technology LTC1149 Datasheet HTML 4Page - Linear Technology LTC1149 Datasheet HTML 5Page - Linear Technology LTC1149 Datasheet HTML 6Page - Linear Technology LTC1149 Datasheet HTML 7Page - Linear Technology LTC1149 Datasheet HTML 8Page - Linear Technology LTC1149 Datasheet HTML 9Page - Linear Technology LTC1149 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1149
LTC1149-3.3/LTC1149-5
Pin 10 connection shown for LTC1149-3.3 and LTC1149-5; changes create LTC1149.
FU CTIO AL DIAGRA
OPERATIO
(Refer to Functional Diagram)
current is made proportional to the output voltage (mea-
sured by Pin 8) to model the inductor current, which
decays at a rate which is also proportional to the output
voltage. While the timing capacitor is discharging, the
NGATE output is high, turning on the N-channel MOSFET.
When the voltage on the timing capacitor has discharged
past VTH1, comparator T trips, setting the flip-flop. This
causes the NGATE output to go low (turning off the
N-channel MOSFET) and the PGATE output to also go low
(turning the P-channel MOSFET back on). The cycle then
repeats.
As the load current increases, the output voltage
decreases slightly. This causes the output of the gain
stage to increase the current comparator threshold, thus
tracking the load current.
The sequence of events for Burst Mode operation is very
similar to continuous operation with the cycle interrupted
by the voltage comparator. When the output voltage is at
or above the desired regulated value, the P-channel MOSFET
is held off by comparator V and the timing capacitor
continues to discharge below VTH1. When the timing
capacitor discharges past VTH2, voltage comparator S
trips, causing the internal SLEEP line to go low and the
N-channel MOSFET to turn off.
The circuit now enters sleep mode with both power
MOSFETs turned off. In sleep mode, much of the circuitry
is turned off, dropping the supply current from several
milliamperes (with the MOSFETs switching) to 600
µA.
When the output capacitor has discharged by the amount
of hysteresis in comparator V, the P-channel MOSFET is
again turned on and this process repeats. To avoid the
operation of the current loop interfering with Burst Mode
operation, a built-in offset is incorporated in the gain
stage. This prevents the current comparator threshold
from increasing until the output voltage has dropped
below a minimum threshold.
To prevent both the external MOSFETs from ever being
turned on at the same time, feedback is incorporated to
sense the state of the driver output pins. Before the N-gate
output can go high, the P-drive output must also be high.
Likewise, the P-drive output is prevented from going low
when the N-gate output is high.
Using constant off-time architecture, the operating fre-
quency is a function of the input voltage. To minimize the
frequency variation as dropout is approached, the off-
time controller increases the discharge current as VIN
drops below VOUT + 1.5V. In dropout the P-channel
MOSFET is turned on continuously.
–
+
NGATE
13
PDRIVE
4
5 VCC
500k
PGATE
1
12 PGND
16
500k
CAP
3
VCC
15
SHDN2
2
VIN
14 RGND
9 SENSE+
V
R
S
Q
VTH1
25mV TO 150mV
13k
G
REFERENCE
1.25V
11
SGND
7
ITH
C
VOS
8 SENSE–
1149 FD
10
SHDN1
(VFB)
T
VTH2
S
SLEEP
6
CT
OFF-TIME
CONTROL
VIN
SENSE–
LOW
DROPOUT
10V
REGULATOR
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com