Electronic Components Datasheet Search
  English  ▼

X  

LT3028 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3028
Description  Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3028 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3028 Datasheet HTML 3Page - Linear Technology LT3028 Datasheet HTML 4Page - Linear Technology LT3028 Datasheet HTML 5Page - Linear Technology LT3028 Datasheet HTML 6Page - Linear Technology LT3028 Datasheet HTML 7Page - Linear Technology LT3028 Datasheet HTML 8Page - Linear Technology LT3028 Datasheet HTML 9Page - Linear Technology LT3028 Datasheet HTML 10Page - Linear Technology LT3028 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT3028
3028f
TYPICAL PERFOR A CE CHARACTERISTICS
Output 2
Input Ripple Rejection
FREQUENCY (kHz)
80
70
60
50
40
30
20
10
0
0.01
1
10
1000
3028 G26
0.1
100
IL = 100mA
VIN2 = 2.3V + 50mVRMS RIPPLE
CBYP = 0
TJ = 25°C
COUT = 10µF
COUT = 1µF
FREQUENCY (kHz)
80
70
60
50
40
30
20
10
0
0.01
1
10
1000
3028 G27
0.1
100
IL = 100mA
VIN2 = 2.3V + 50mVRMS RIPPLE
COUT = 10µF
TJ = 25°C
CBYP = 0.01µF
CBYP = 1000pF
CBYP = 100pF
Output 2
Input Ripple Rejection
Output 2
Input Ripple Rejection
TEMPERATURE (°C)
–50
100
3028 G28
050
80
70
60
50
40
30
20
10
0
–25
25
75
125
VIN2 = VOUT2(NOMINAL) +
1V + 0.5VP-P RIPPLE
AT f = 120Hz
IL = 50mA
Output 1
Input Ripple Rejection
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
3028 G29
100
100k
IL = 500mA
VIN1 = VOUT1(NOMINAL) +
1V + 50mVRMS RIPPLE
CBYP = 0
TJ = 25°C
COUT = 4.7µF
COUT = 10µF
Output 1
Input Ripple Rejection
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
3028 G30
100
100k
IL = 500mA
VIN1 = VOUT1(NOMINAL) +
1V + 50mVRMS RIPPLE
COUT = 10µF
TJ = 25°C
CBYP = 0.01µF
CBYP = 100pF
CBYP = 1000pF
Output 1 Ripple Rejection
TEMPERATURE (°C)
–50
100
3028 G31
050
68
66
64
62
60
58
56
54
52
–25
25
75
125
VIN1 = VOUT1(NOMINAL) +
1V + 0.5VP-P RIPPLE
AT f = 120Hz
IL = 500mA
Output 2 Minimum Input Voltage
TEMPERATURE (°C)
–50
2.5
2.0
1.5
1.0
0.5
0
0
50
75
3028 G32
–25
25
100
125
IL = 100mA
VOUT2 = 1.22V
IL = 50mA
TEMPERATURE (°C)
–50
0
50
75
3028 G33
–25
25
100
125
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
IL = 1mA
VOUT1 = 1.22V
IL = 500mA
Output 1 Minimum Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com