Electronic Components Datasheet Search
  English  ▼

X  

LT3028 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3028
Description  Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3028 Datasheet(HTML) 1 Page - Linear Technology

  LT3028 Datasheet HTML 1Page - Linear Technology LT3028 Datasheet HTML 2Page - Linear Technology LT3028 Datasheet HTML 3Page - Linear Technology LT3028 Datasheet HTML 4Page - Linear Technology LT3028 Datasheet HTML 5Page - Linear Technology LT3028 Datasheet HTML 6Page - Linear Technology LT3028 Datasheet HTML 7Page - Linear Technology LT3028 Datasheet HTML 8Page - Linear Technology LT3028 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT3028
3028f
Dual 100mA/500mA
Low Dropout, Low Noise,
Micropower Regulators with
Independent Inputs
■ Low Noise: 20µVRMS (10Hz to 100kHz)
■ Low Quiescent Current: 30µA/Output
■ Independent Inputs
■ Wide Input Voltage Range: 1.8V to 20V
■ Output Current: 100mA/500mA
■ Very Low Shutdown Current: <0.1
µA
■ Low Dropout Voltage: 300mV/320mV at
100mA/500mA
■ Adjustable Outputs from 1.22V to 20V
■ Stable with as Low as 1µF/3.3µF Output Capacitor
■ Stable with Aluminum, Tantalum or
Ceramic Capacitors
■ Reverse-Battery Protected
■ No Protection Diodes Needed
■ Overcurrent and Overtemperature Protected
■ Tracking/Sequencing Capability
■
Thermally Enhanced 16-Lead TSSOP and 16-Lead
(5mm × 3mm) DFN Packages
The LT
®3028 is a dual, micropower, low noise, low drop-
out regulator with independent inputs. With an external
0.01µF bypass capacitor, output noise is a low 20µVRMS
over a 10Hz to 100kHz bandwidth. Designed for use in
battery-powered systems, the low 30µA quiescent current
per output makes it an ideal choice. In shutdown, quies-
cent current drops to less than 0.1µA. Shutdown control
is independent for each output, allowing for flexibility in
power management. The device is capable of operating
over an input voltage range of 1.8V to 20V. Output 1 can
supply 500mA of output current with a dropout voltage of
320mV. The device can supply 100mA of output current
from Output 2 with a dropout voltage of 300mV. Quiescent
current is well controlled in dropout.
The LT3028 regulator is stable with output capacitors as
low as 1µF for the 100mA output and 3.3µF for the 500mA
output. Small ceramic capacitors can be used without the
series resistance required by other regulators.
Internal protection circuitry includes reverse-battery pro-
tection, current limiting and thermal limiting protection.
The device is available as an adjustable device with a 1.22V
reference voltage. The LT3028 regulator is available in the
thermally enhanced 16-lead TSSOP and 16-lead, low
profile (5mm × 3mm × 0.75mm) DFN packages.
10Hz to 100kHz Output Noise
3.3V/2.5V Low Noise Regulators
■ Cellular Phones
■ Pagers
■ Battery-Powered Systems
■ Frequency Synthesizers
■ Wireless Modems
■ Tracking/Sequencing Power Supplies
, LTC and LT are registered trademarks of Linear Technology Corporation.
VOUT
100µV/DIV
20µVRMS
3028 TA01b
3.3V AT 500mA
20µVRMS NOISE
249k
0.01µF
10µF
422k
3028 TA01a
OUT2
2.5V AT 100mA
20µVRMS NOISE
ADJ2
BYP2
GND
249k
0.01µF
10µF
261k
OUT1
ADJ1
BYP1
LT3028
IN1
VIN1
3.7V TO
20V
1µF
SHDN1
IN2
VIN2
2.9V TO
20V
1µF
SHDN2
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Protected by U.S. Patents including 6118263, 6144250.


Similar Part No. - LT3028

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3028 LINER-LT3028 Datasheet
208Kb / 16P
1.1A, Low Noise, Low Dropout Linear Regulator
LT3028 LINER-LT3028 Datasheet
335Kb / 16P
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs
LT3028 LINER-LT3028 Datasheet
286Kb / 24P
Dual 150mA Positive/Negative Low Noise
LT3028 LINER-LT3028 Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
LT3028 LINER-LT3028 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
More results

Similar Description - LT3028

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3027 LINER-LT3027 Datasheet
308Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
LT3028 LINER-LT3028 Datasheet
335Kb / 16P
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3027 LINER-LT3027_15 Datasheet
338Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com