Electronic Components Datasheet Search
  English  ▼

X  

LT3028 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3028
Description  Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3028 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3028 Datasheet HTML 4Page - Linear Technology LT3028 Datasheet HTML 5Page - Linear Technology LT3028 Datasheet HTML 6Page - Linear Technology LT3028 Datasheet HTML 7Page - Linear Technology LT3028 Datasheet HTML 8Page - Linear Technology LT3028 Datasheet HTML 9Page - Linear Technology LT3028 Datasheet HTML 10Page - Linear Technology LT3028 Datasheet HTML 11Page - Linear Technology LT3028 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT3028
3028f
Channel-to-Channel Isolation
Output 2 Load Regulation
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (°C)
–50
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
050
75
3028 G35
–25
25
100
125
∆IL = 1mA TO 100mA
Output Noise Spectral Density
Output Noise Spectral Density
RMS Output Noise
vs Bypass Capacitor
Output 2
RMS Output Noise vs Load
Current (10Hz to 100kHz)
LOAD CURRENT (mA)
0.01
160
140
120
100
80
60
40
20
0
0.1
1
100
10
3028 G40
VOUT2 SET FOR 5V
VOUT2 SET FOR 5V
VOUT2 =VADJ2
VOUT2 =VADJ2
COUT2 = 10µF
TJ = 25°C
CBYP = 0
CBYP = 0.01µF
Output 1
RMS Output Noise vs Load
Current (10Hz to 100kHz)
Output 1 Load Regulation
TEMPERATURE (°C)
–50
100
3028 G36
050
–25
25
75
125
5
0
–5
–10
∆IL = 1mA TO 500mA
FREQUENCY (kHz)
0.01
1
10
100
3028 G37
0.1
10
1
0.1
0.01
VOUT SET FOR 5V
VOUT =VADJ
COUT = 10µF
CBYP = 0
IL = FULL LOAD
TJ = 25°C
FREQUENCY (kHz)
0.01
1
10
100
3028 G38
0.1
10
1
0.1
0.01
VOUT SET FOR 5V
VOUT =VADJ
COUT = 10µF
IL = FULL LOAD
TJ = 25°C
CBYP = 1000pF
CBYP = 100pF
CBYP = 0.01µF
LOAD CURRENT (mA)
0.01
160
140
120
100
80
60
40
20
0
0.1
1
3028 G41
10
100
1000
COUT1 = 10µF
TJ = 25°C
VOUT1 SET FOR 5V
VOUT1 SET FOR 5V
VOUT1 = VADJ1
VOUT1 = VADJ1
CBYP = 0
CBYP = 0.01µF
FREQUENCY (Hz)
10
40
50
60
70
80
100
1k
1M
10k
100k
3028 G34
30
20
10
0
90
100
CHANNEL 2
GIVEN CHANNEL IS TESTED
WITH 50mVRMS SIGNAL ON
OPPOSING CHANNEL, BOTH
CHANNELS DELIVERING FULL
CURRENT
TJ = 25°C
CHANNEL 1
CBYP (pF)
10
80
100
120
140
100
1000
10000
3028 G39
60
40
20
0
OUTPUT 2
OUTPUT 2
VOUT = 5V
VOUT = 1.22V
OUTPUT 1
OUTPUT 1
COUT = 10µF
IL = FULL LOAD
fBW = 10Hz TO 100kHz
TJ = 25°C
VOUT1
20mV/DIV
VOUT2
20mV/DIV
COUT1 = 22µF50µs/DIV
3028 G50
COUT2 = 10µF
CBYP1 = CBYP2 = 0.01µF
∆IL1 = 50mA TO 500mA
∆IL2 = 10mA TO 100mA
VIN = 6V, VOUT1 = VOUT2 = 5V
Channel-to-Channel Isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com